Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4551 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 1N4551
Description  50 Watt Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

1N4551 Datasheet(HTML) 1 Page - American Microsemiconductor

  1N4551 Datasheet HTML 1Page - American Microsemiconductor 1N4551 Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Watt Zener Diode
Technical Specifications
American Microsemiconductor Inc.
Page 1 of 2
133 Kings Road, Madison, NJ 07940
AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325
tel.
973-377-9566fax.973-377-3078
http://www.americanmicrosemiconductor.com
FEATURES
Volt. Range: 6.2V to 200V
Low Zener Impedance
Available in normal
polarity or reverse
DO5 Package
1N4554 to 1N3350
ABSOLUTE MAX. RATINGS
Storage temp. range:
-65°C to +150°C
Max case operating temp.:
-65°C to +150°C
Max junction temp.:
150°C
Power dissipation:
50W
Power derating (derat above 75°C): 0.5 mw/°C
Forward voltage (@2A):
1.5V
ELECTRICAL CHARACTERISTICS @ CASE OP. TEMP. 30°C
Nom
VZT
(V)
Type
Number
SPE
Type
IZT
(mA)
RZT
max
IR
(uA)
VR
(V)
IZM
(mA)
3.9
1N4549
3200
0.5
11900
4.3
1N4550
2900
0.5
10650
4.7
1N4551
2650
1.0
9700
5.1
1N4552
2450
1.0
8900
5.6
1N4553
2250
1.0
8100
6.2
1N4554
50Z6V2
2000
0.14
20
2.0
7300
6.8
1N3305
50Z6V8
1850
0.20
300
4.5
6600
7.5
1N3306
50Z7V5
1700
5.0
5900
8.2
1N3307
50Z8V2
1450
0.45
35
5.84
5300
9.1
1N3308
50Z9
1370
0.5
25
6.82
5200
10
1N3309
50Z10
1200
0.6
25
7.50
4700
11
1N3310
50Z11
1100
0.8
10
8.25
4300
12
1N3311
50Z12
1000
1
10
9.00
3900
13
1N3312
50Z13
960
1.1
10
9.75
3500
14
1N3313
50Z14
895
1.4
10
10.50
3300
15
1N3314
50Z15
830
1.6
10
11.25
3000
16
1N3315
50Z16
780
2
10
12.00
2800
18
1N3317
50Z18
700
2.4
10
13.50
2600
20
1N3319
50Z20
630
2.5
10
15.00
2400
22
1N3320
50Z22
570
2.6
10
16.50
2000
24
1N3321
50Z24
530
2.8
10
18.00
1900
27
1N3323
50Z27
460
3
10
20.25
1600
30
1N3324
50Z30
420
3.2
10
22.50
1400
33
1N3325
50Z33
380
3.5
10
24.75
1300
36
1N3326
50Z36
350
4
10
27.00
1200
39
1N3327
50Z39
320
4.5
10
27.00
1100
43
1N3328
50Z43
290
5
10
29.25
1000
47
1N3330
50Z47
270
5.2
10
35.25
930
51
1N3332
50Z51
245
6
10
38.25
830
56
1N3334
50Z56
220
7
10
42.00
750
62
1N3335
50Z62
200
8
10
46.50
690
68
1N3336
50Z68
180
9
10
51.00
630
75
1N3337
50Z75
170
11
10
56.25
570
82
1N3338
50Z82
150
15
10
61.50
520
91
1N3339
50Z91
140
20
10
68.25
450
Note:
Normal
polarity
indicated
anode to case.
When
using Jedec
standards
suffix R denotes reverse polarity
(cathode to case). Suffix A and
B denote tolerance of 10% and
5%.
No
suffix
indicated
tolerance of 20%.


Similar Part No. - 1N4551

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4551 MOTOROLA-1N4551 Datasheet
145Kb / 4P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4551 NJSEMI-1N4551 Datasheet
227Kb / 2P
   50 WATTS ZENER DIODES
1N4551 NJSEMI-1N4551 Datasheet
180Kb / 1P
   ZENER DIODES
logo
American Microsemicondu...
1N4551 AMMSEMI-1N4551 Datasheet
423Kb / 2P
   50 Watt Zener Diode
1N4551 AMMSEMI-1N4551 Datasheet
429Kb / 2P
   50 Watt Zener Diode
More results

Similar Description - 1N4551

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N4551 AMMSEMI-1N4551 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3314 AMMSEMI-1N3314 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3318 AMMSEMI-1N3318 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3321 AMMSEMI-1N3321 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3313 AMMSEMI-1N3313 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3315 AMMSEMI-1N3315 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3323 AMMSEMI-1N3323 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3327 AMMSEMI-1N3327 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com