Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5543BR Datasheet(PDF) 4 Page - Analog Devices

Part # AD5543BR
Description  Current Output/ Serial Input, 16-/14-Bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543BR Datasheet(HTML) 4 Page - Analog Devices

  AD5543BR Datasheet HTML 1Page - Analog Devices AD5543BR Datasheet HTML 2Page - Analog Devices AD5543BR Datasheet HTML 3Page - Analog Devices AD5543BR Datasheet HTML 4Page - Analog Devices AD5543BR Datasheet HTML 5Page - Analog Devices AD5543BR Datasheet HTML 6Page - Analog Devices AD5543BR Datasheet HTML 7Page - Analog Devices AD5543BR Datasheet HTML 8Page - Analog Devices AD5543BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
AD5543/AD5553–Typical Performance Characteristics
CODE – Decimal
1.0
0
65536
8192
16384
24576
32768
40960
49152
57344
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
TPC 1. AD5543 Integral Nonlinearity Error
CODE – Decimal
1.0
0
65536
8192
16384
24576
32768
40960
49152
57344
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
TPC 2. AD5543 Differential Nonlinearity Error
CODE – Decimal
1.0
0
14336
16384
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
12288
10240
8192
6144
4096
2048
TPC 3. AD5553 Integral Nonlinearity Error
CODE – Decimal
0
2048
4096
6144
8192
10240
12288
14336 16384
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TPC 4. AD5553 Differential Nonlinearity Error
SUPPLY VOLTAGE VDD – V
1.5
1.0
–1.5
210
4
68
0.5
0
–0.5
–1.0
VREF = 2.5V
TA = 25 C
INL
DNL
GE
TPC 5. Linearity Errors vs. VDD
LOGIC INPUT VOLTAGE VIH – V
5
4
0
0.5
3
2
1
0
VDD = 5V
TA = 25 C
1.0
2.0
1.5
2.5
3.0
3.5
4.0
4.5
5.0
TPC 6. Supply Current vs. Logic Input Voltage


Similar Part No. - AD5543BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543BR AD-AD5543BR Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRM AD-AD5543BRM Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRM-REEL7 AD-AD5543BRM-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ AD-AD5543BRMZ Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ-REEL7 AD-AD5543BRMZ-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results

Similar Description - AD5543BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com