Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5543BR Datasheet(PDF) 5 Page - Analog Devices

Part # AD5543BR
Description  Current Output/ Serial Input, 16-/14-Bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543BR Datasheet(HTML) 5 Page - Analog Devices

  AD5543BR Datasheet HTML 1Page - Analog Devices AD5543BR Datasheet HTML 2Page - Analog Devices AD5543BR Datasheet HTML 3Page - Analog Devices AD5543BR Datasheet HTML 4Page - Analog Devices AD5543BR Datasheet HTML 5Page - Analog Devices AD5543BR Datasheet HTML 6Page - Analog Devices AD5543BR Datasheet HTML 7Page - Analog Devices AD5543BR Datasheet HTML 8Page - Analog Devices AD5543BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
AD5543/AD5553
–5–
CLOCK FREQUENCY – Hz
3.0
2.5
0
10k
100M
100k
1M
10M
2.0
1.5
1.0
0.5
5555H
8000H
FFFFH
0000H
TPC 7. AD5543 Supply Current vs. Clock Frequency
FREQUENCY – Hz
90
80
30
10k
100k
1M
70
60
50
40
20
10
0
1k
100
10
VDD = 5V
10%
VREF = 10V
TPC 8. Power Supply Rejection vs. Frequency
FFFFH
START 10.000Hz
1k
100k
10
100
10k
1M
10M
8000H
4000H
1000H
0800H
0400H
0200H
0100H
0080H
0040H
0020H
0010H
0008H
0004H
0002H
0001H
0000H
STOP 50 000 000.000Hz
2000H
REF LEVEL
0.000dB
/DIV
12.000dB
MARKER 4 311 677.200Hz
MAG (A/R)
–2.939dB
TPC 9. Reference Multiplying Bandwidth
TPC 10. Settling Time
VOUT (50mV/DIV)
CS (5V/DIV)
TIME –
s
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = 5V
VREF = 10V
CODES 8000H ↔ 7FFFH
TPC 11. Midscale Transition and Digital Feedthrough


Similar Part No. - AD5543BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543BR AD-AD5543BR Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRM AD-AD5543BRM Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRM-REEL7 AD-AD5543BRM-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ AD-AD5543BRMZ Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ-REEL7 AD-AD5543BRMZ-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results

Similar Description - AD5543BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com