Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC16DN25NS3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC16DN25NS3
Description  OptiMOSTM3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC16DN25NS3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC16DN25NS3 Datasheet HTML 1Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 2Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 3Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 4Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 5Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 6Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 7Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 8Page - Infineon Technologies AG BSC16DN25NS3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Type
BSC16DN25NS3 G
OptiMOSTM3 Power-Transistor
Features
• Optimized for dc-dc conversion
• N-channel, normal level
• Excellent gate charge x R
DS(on) product (FOM)
• Low on-resistance R
DS(on)
• 150 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC
1) for target application
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
10.9
A
T C=100 °C
7.7
Pulsed drain current
2)
I D,pulse
T C=25 °C
44
Avalanche energy, single pulse
E AS
I D=5.5 A, R GS=25 W
120
mJ
Reverse diode dv /dt
dv /dt
10
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
62.5
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Value
1)J-STD20 and JESD22
2) see figure 3
V
DS
250
V
R
DS(on),max
165
m
W
I
D
10.9
A
Product Summary
Type
Package
Marking
BSC16DN25NS3 G
PG-TDSON-8
16DN25NS
PG-TDSON-8
Rev. 2.2
page 1
2011-07-14


Similar Part No. - BSC16DN25NS3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
582Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G_11 Datasheet
582Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2011-07-14
More results

Similar Description - BSC16DN25NS3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com