Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V432S7PFI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V432S7PFI
Description  32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V432S7PFI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V432S7PFI Datasheet HTML 1Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 2Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 3Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 4Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V432S7PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6.42
4
IDT71V432, 32K x 32 CacheRAM
3.3V Synchronous SRAM with Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3104 tbl 06
Absolute Maximum Ratings(1)
Capacitance
(TA = +25°C, f = 1.0MHz, TQFP package)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD and Input terminals only.
3. I/O terminals.
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
Symbol
Rating
Value
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
–0.5 to +4.6
V
VTERM
(3)
Terminal Voltage with
Respect to GND
–0.5 to VDD+0.5
V
TA
Operating Temperature
0 to +70
oC
TBIAS
Temperature Under Bias
–55 to +125
oC
TSTG
Storage Temperature
–55 to +125
oC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
50
mA
3104 tbl 05
Recommended DC Operating
Conditions
NOTES:
1. VIL (min) = –1.0V for pulse width less than tCYC/2, once per cycle.
2. VIH (max) = 6.0V for pulse width less than tCYC/2, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.135
3.3
3.63
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage — Inputs
2.0
4.6
(2)
V
VIH
Input High Voltage — I/O
2.0
VDD+0.3
V
VIL
Input Low Voltage
–0.5
(1)
—0.8
V
3104 tbl 04
Recommended Operating
Temperature and Supply Voltage
Grade
Temperature
VSS
VDD
Commercial
0°C to +70°C
0V
3.3V+10/-5%
Industrial
–40°C to +85°C
0V
3.3V+10/-5%
3104 tbl 03


Similar Part No. - IDT71V432S7PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT71V432 RENESAS-IDT71V432 Datasheet
371Kb / 18P
   32K x 32 CacheRAM™ 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
OCTOBER 2014
More results

Similar Description - IDT71V432S7PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT71V432 RENESAS-IDT71V432 Datasheet
371Kb / 18P
   32K x 32 CacheRAM™ 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
OCTOBER 2014
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V633 IDT-IDT71V633 Datasheet
269Kb / 19P
   64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S_14 Datasheet
972Kb / 21P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3576S IDT-IDT71V3576S_15 Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Austin Semiconductor
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Integrated Device Techn...
IDT71V67703 IDT-IDT71V67703_14 Datasheet
248Kb / 20P
   3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com