Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1045 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF1045
Description  Guard ring for enhanced ruggedness and long term reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF1045 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF1045 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1045 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1045 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1045 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF1045 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0819, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF1045
MBRF1045 SCHOTTKY RECTIFIER
Applications:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Center tap configuration
Features:
150
°°°°C T
J operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm
ITO-220AC(HD)
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
-
2.55
-
e1
-
5.10
-
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
L4
-
1.10
1.50
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ1
Θ2
Θ3
10°
Θ4
Θ5


Similar Part No. - MBRF1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF1045 MOTOROLA-MBRF1045 Datasheet
102Kb / 6P
   SWITCHMODE??Schottky Power Rectifirers
logo
Shenzhen Luguang Electr...
MBRF1045 LUGUANG-MBRF1045 Datasheet
251Kb / 2P
   Schottky Barrier Rectifiers
logo
SMC Diode Solutions Co....
MBRF1045 SMCDIODE-MBRF1045 Datasheet
320Kb / 4P
   MBRF1045 SCHOTTKY RECTIFIER
Rev. B
logo
General Semiconductor
MBRF1045 GE-MBRF1045 Datasheet
105Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
MBRF1045 LUGUANG-MBRF1045 Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1045

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
303CMQ SMC-303CMQ Datasheet
212Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
403DMQ600 SMC-403DMQ600 Datasheet
171Kb / 3P
   Guard ring for enhanced ruggedness and long term reliability
STF10200LC SMC-STF10200LC Datasheet
170Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
MBRF2050 SMC-MBRF2050 Datasheet
165Kb / 6P
   Guard ring for enhanced ruggedness and long term reliability
ST2080C SMC-ST2080C Datasheet
221Kb / 6P
   Guard ring for enhanced ruggedness and long term reliability
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
logo
Vishay Siliconix
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF Datasheet
173Kb / 7P
   Guard ring for enhanced ruggedness and long term reliability
Revision: 31-Aug-11
logo
Sangdest Microelectroni...
MBRF20100 SMC-MBRF20100 Datasheet
146Kb / 5P
   Guard ring for enhanced ruggedness and long term reliability
125NQ015 SMC-125NQ015 Datasheet
211Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
ST5100BAX SMC-ST5100BAX Datasheet
115Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
ST5200BAX SMC-ST5200BAX Datasheet
160Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com