Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF2035CT Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF2035CT
Description  High frequency operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF2035CT Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF2035CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF2035CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF2035CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF2035CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF2035CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0054, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF2035CT
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 20A, Pulse, TJ = 25 °C
0.84
V
Max. Forward Voltage Drop *
VF2
@ 20A, Pulse, TJ = 125 °C
0.72
V
Max. Reverse Current at DC
condition (per leg)
IR1
@VR = rated VR
TJ = 25 °C
1
mA
Max. Reverse Current (per
leg) *
IR2
@VR = rated VR
TJ = 125 °C
15.0
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
400
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
8.0
nH
Clip mounting, the epoxy body
away from the heatsink edge by
more than 0.110" along the lead
direction.
4500
Clip mounting, the epoxy body is
inside the heatsink.
3500
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
TA = 25 °C)
VISO
Screw mounting, the epoxy
body is inside the heatsink.
1500
V
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature Range
TJ
-
-55 to +150
°C
Storage Temperature Range
Tstg
-
-55 to +150
°C
Maximum Thermal Resistance
Junction to Case
(per leg)
RθJC
DC operation
5.0
°C/W
Approximate Weight
wt
-
2
g


Similar Part No. - MBRF2035CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF2035CT GE-MBRF2035CT Datasheet
124Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF2035CT TSC-MBRF2035CT Datasheet
231Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
GOOD-ARK Electronics
MBRF2035CT GOOD-ARK-MBRF2035CT Datasheet
257Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
MBRF2035CT DSK-MBRF2035CT Datasheet
384Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF2035CT TSC-MBRF2035CT Datasheet
210Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF2035CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
124NQ-1 SMC-124NQ-1 Datasheet
217Kb / 4P
   High frequency operation
STD20150 SMC-STD20150 Datasheet
208Kb / 5P
   High frequency operation
logo
Littelfuse
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
   High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
   High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
   High frequency operation
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
   High frequency operation
DSTF30100S LITTELFUSE-DSTF30100S Datasheet
642Kb / 3P
   High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
   High frequency operation
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
   High frequency operation
Revision: 19-Mar-15
logo
Littelfuse
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
   High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
   High frequency operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com