Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF5150 Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF5150
Description  High frequency operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF5150 Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF5150 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Green Products
Data Sheet N1780, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
MBRF5150
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90 100
Percent of Rated Peak Reverse Voltage (%)
1
10
100
0.50.6
0.70.8
0.9
1
1.11.2
Forward Voltage Drop (V)
10
100
1000
10000
0
5
10
15
20
25
30
35
40
Reverse Voltage (V)
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=125℃
TJ=25℃
TJ=25℃


Similar Part No. - MBRF5150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF5150 TSC-MBRF5150 Datasheet
572Kb / 2P
   Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF5150 TSC-MBRF5150 Datasheet
570Kb / 2P
   Isolation 5.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF5150 SAMYANG-MBRF5150 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
MBRF5150 SMCDIODE-MBRF5150 Datasheet
508Kb / 4P
   MBRF5150 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRF5150

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
124NQ-1 SMC-124NQ-1 Datasheet
217Kb / 4P
   High frequency operation
STD20150 SMC-STD20150 Datasheet
208Kb / 5P
   High frequency operation
logo
Littelfuse
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
   High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
   High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
   High frequency operation
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
   High frequency operation
DSTF30100S LITTELFUSE-DSTF30100S Datasheet
642Kb / 3P
   High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
   High frequency operation
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
   High frequency operation
Revision: 19-Mar-15
logo
Littelfuse
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
   High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
   High frequency operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com