Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2591HVS-ADJ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2591HVS-ADJ
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2591HVS-ADJ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2591HVS-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2591HVS-ADJ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
10129324
Component Values shown are for VIN = 15V,
VOUT = 5V, ILOAD = 1A.
CIN
470 µF, 50V, Aluminum Electrolytic Nichicon “PM Series”
COUT
220 µF, 25V Aluminum Electrolytic, Nichicon “PM Series”
D1
2A, 60V Schottky Rectifier, 21DQ06 (International Rectifier)
L1
68 µH, See Inductor Selection Procedure
Adjustable Output Voltage Versions
10129325
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 1A.
CIN:
— 470 µF, 35V, Aluminum Electrolytic Nichicon “PM Series”
COUT:
— 220 µF, 35V Aluminum Electrolytic, Nichicon “PM Series”
D1 — 2A, 60V Schottky Rectifier, 21DQ06 (International Rectifier)
L1 — 100 µH, See Inductor Selection Procedure
R1 —1 kΩ,1%
R2 — 7.15k, 1%
CFF — 3.3 nF
Typical Values
CSS — 0.1 µF
CDELAY — 0.1 µF
RPULL UP — 4.7k (use 22k if VOUT is ≥ 45V)
† Small signal Schottky diode to prevent damage to feedback pin by negative spike when output is shorted (CFF not being able to discharge immediately will
drag feedback pin below ground). Required if VIN > 40V
FIGURE 1. Standard Test Circuits and Layout Guides
www.national.com
8


Similar Part No. - LM2591HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HVS-ADJ TI-LM2591HVS-ADJ Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
LM2591HVS-ADJ TI1-LM2591HVS-ADJ Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2591HVS-ADJ UMW-LM2591HVS-ADJ Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HVS-ADJ/NOPB TI1-LM2591HVS-ADJ/NOPB Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
More results

Similar Description - LM2591HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com