Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF41G Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SF41G
Description  Additional testing can be offered upon request
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SF41G Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SF41G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1714, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SF41G-SF48G
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol SF41G SF42G SF43G SF44G SF45G SF46G SF48G Units
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=55℃
I(AV)
4.0
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
150.0
A
Maximum instantaneous forward voltage at 4.0A
VF
0.95
1.25
1.7
V
Maximum DC reverse current TA=25 ℃
at rated DC blocking voltage TA=100 ℃
IR
5.0
50.0
µA
Maximum Reverse Recovery Time (Note 1)
Trr
35
ns
Typical Junction Capacitance (Note 2)
CJ
100.0
50.0
pF
Typical Thermal Resistance (Note 3)
RθJA
30.0
°C/W
Junction Temperature
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length, P.C.B. mounted


Similar Part No. - SF41G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF41G TSC-SF41G Datasheet
64Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G Datasheet
273Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G Datasheet
573Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF41G MCC-SF41G Datasheet
379Kb / 2P
   4 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Shenzhen Luguang Electr...
SF41G LUGUANG-SF41G Datasheet
189Kb / 2P
   4.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF41G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SD88205 SMC-SD88205 Datasheet
144Kb / 5P
   Additional testing can be offered upon request
406DMQ200 SMC-406DMQ200 Datasheet
156Kb / 4P
   Additional testing can be offered upon request
US1M SMC-US1M Datasheet
133Kb / 5P
   Additional testing can be offered upon request
127SPC020 SMC-127SPC020 Datasheet
147Kb / 4P
   Additional testing can be offered upon request
SK22 SMC-SK22 Datasheet
306Kb / 5P
   Additional testing can be offered upon request
SK2S120 SMC-SK2S120 Datasheet
152Kb / 4P
   Additional testing can be offered upon request
503CNQ SMC-503CNQ Datasheet
117Kb / 4P
   Additional testing can be offered upon request
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
   Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
   Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
   Specific request can be addressed to RAKON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com