Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8830 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN8830
Description  Thermoelectric Cooler Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8830 Datasheet(HTML) 3 Page - Analog Devices

  ADN8830 Datasheet HTML 1Page - Analog Devices ADN8830 Datasheet HTML 2Page - Analog Devices ADN8830 Datasheet HTML 3Page - Analog Devices ADN8830 Datasheet HTML 4Page - Analog Devices ADN8830 Datasheet HTML 5Page - Analog Devices ADN8830 Datasheet HTML 6Page - Analog Devices ADN8830 Datasheet HTML 7Page - Analog Devices ADN8830 Datasheet HTML 8Page - Analog Devices ADN8830 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. C
ADN8830
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADN8830 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . GND to VS + 0.3 V
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . 125
°C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . . 300
°C
ESD RATINGS
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . 1.0 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
PIN 1
INDICATOR
TOP VIEW
24 COMPOSC
23 PGND
22 N1
21 P1
THERMFAULT 1
THERMIN 2
SD 3
20 PVDD
19 OUT A
18 COMPSWIN
17 COMPSWOUT
TEMPSET 4
TEMPLOCK 5
NC 6
VREF 7
AVDD 8
ADN8830
NC = NO CONNECT
Package Type
JA*
JC
Unit
32-Lead LFCSP (ACP)
35
10
°C/W
* JA is specified for worst-case conditions, i.e., JA is specified for a device
soldered in a 4-layer circuit board for surface-mount packages.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADN8830ACP
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32-1
ADN8830ACP-REEL
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32-1
ADN8830ACP-REEL7
–40
°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP)
CP-32-1
ADN8830-EVAL
Evaluation Board


Similar Part No. - ADN8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830 AD-ADN8830 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830 AD-ADN8830 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ-REEL AD-ADN8830ACPZ-REEL Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results

Similar Description - ADN8830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
   ThermoElectric Cooler Drive Controller IC
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com