Electronic Components Datasheet Search |
|
V24B5H150BF3 Datasheet(PDF) 7 Page - Vicor Corporation |
|
V24B5H150BF3 Datasheet(HTML) 7 Page - Vicor Corporation |
7 / 15 page 24V Mini Family Rev 4.9 vicorpower.com Page 7 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency 86.5 87.7 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.7 5.1 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 6.25 Amps Current limit 6.37 7.19 8.44 Amps Output voltage 95% of nominal Short circuit current 3 7.19 8.44 Amps Output voltage <250mV 24VOUT, 150W (e.g. V24B24C150BL) Parameter Min Typ Max Unit Notes Efficiency 87.2 88.7 % Nominal input; full load; 25°C Ripple and noise 133 166 mV p-p Nominal input; full load; 20MHz bandwidth Output OVP setpoint 31.5 32.7 33.8 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 9.6 10.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 8.9 Amps Current limit 9.1 10.3 12.1 Amps Output voltage 95% of nominal Short circuit current 6.3 10.3 12.1 Amps Output voltage <250mV 28VOUT, 250W (e.g. V24B28C250BL) Parameter Min Typ Max Unit Notes Efficiency 85.0 87.0 % Nominal input; full load; 25°C Ripple and noise 180 225 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 31.6 32.8 34 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.5 5.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 7.14 Amps Current limit 7.29 8.22 9.66 Amps Output voltage 95% of nominal Short circuit current 5 8.22 9.66 Amps Output voltage <250mV 28VOUT, 200W (e.g. V24B28C200BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 85.4 87.0 % Nominal input; full load; 25°C Ripple and noise 260 325 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 27.5 28.5 29.5 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 5.1 6.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 8.33 Amps Current limit 8.46 9.8 11.5 Amps Output voltage 95% of nominal Short circuit current 5.81 9.8 11.5 Amps Output voltage <250mV 24VOUT, 200W (e.g. V24B24C200BL) |
Similar Part No. - V24B5H150BF3 |
|
Similar Description - V24B5H150BF3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |