Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS1053 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS1053_15 Datasheet HTML 2Page - ON Semiconductor NLAS1053_15 Datasheet HTML 3Page - ON Semiconductor NLAS1053_15 Datasheet HTML 4Page - ON Semiconductor NLAS1053_15 Datasheet HTML 5Page - ON Semiconductor NLAS1053_15 Datasheet HTML 6Page - ON Semiconductor NLAS1053_15 Datasheet HTML 7Page - ON Semiconductor NLAS1053_15 Datasheet HTML 8Page - ON Semiconductor NLAS1053_15 Datasheet HTML 9Page - ON Semiconductor NLAS1053_15 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NLAS1053
www.onsemi.com
9
6
2
1
0
0
20
VCOM (VOLTS)
10
34
5
85
°C
−55
°C
125
°C
25
°C
15
5
6
2
1
0
0
16
18
VCOM (VOLTS)
14
10
12
8
6
4
2
34
5
85
°C
−55
°C
125
°C
25
°C
5
4
3
2
1
0
0
4
8
12
16
20
VCOM (VOLTS)
18
14
10
6
2
85
°C
−55
°C
125
°C
25
°C
Figure 21. RON versus VCOM and Temperature,
VCC = 4.5 V
Figure 22. RON versus VCOM and Temperature,
VCC = 5.0 V
Figure 23. RON versus VCOM and Temperature,
VCC = 5.5 V


Similar Part No. - NLAS1053_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053US ONSEMI-NLAS1053US Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053US ONSEMI-NLAS1053US Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053USG ONSEMI-NLAS1053USG Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
More results

Similar Description - NLAS1053_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
   Quad 2 1 Mux/DeMux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com