Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9SA-EX031-T15 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G9SA-EX031-T15
Description  The G9SA Series Offers a Complete Line-up of Compact Units
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SA-EX031-T15 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G9SA-EX031-T15 Datasheet HTML 2Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 3Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 4Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 5Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 6Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 7Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 8Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 9Page - Omron Electronics LLC G9SA-EX031-T15 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
G9SA
6
Dimensions and Terminal Arrangement
(Unit: mm)
Terminal Arrangement
Mounting Holes
Two, 4.2 dia. or M4
Terminal Arrangement
Mounting Holes
Two, 4.2 dia. or M4
4.6 dia.
45 max.
76 max.
111 max.
4.6 dia.
111 max.
76 max.
17.5 max.
Connector cover
*
Eight, M3
G9SA-301
G9SA-501
G9SA-321-T
@
G9SA-TH301
G9SA-EX301
G9SA-EX031-T
@
G9SA-301:
Twenty, M3
G9SA-501:
Twenty-four, M3
G9SA-321-T
@: Twenty-four, M3
G9SA-TH301: Twenty-one, M3
(See note 1)
Note 1: The OFF-delay time setting switch is
found on the G9SA-321-T
@ only.
OFF-delay time
setting switch
(See note 1)
G9SA-EX301
G9SA-EX031-T
@
OFF-delay time
setting switch
(See note 1)
2: The K1 to K4 indicators light when the NO contacts of
internal relays K1 to K4 close.
* Do not remove unless an Expansion Unit is being used.
Note 1: The OFF-delay time setting switch is
found on the G9SA-EX031-T
@ only.
2: The K1 and K2 indicators light when
the NO contacts of internal relays K1
and K2 close.
13 23 33
41
14 24 34
42
T11 T12 T31 T32 T23 A1
T21 T22 A
B PE A2
13 23 33 43 53 61
14 24 34 44 54 62
T11 T12 T31 T32 T23 A1
T21 T22 A
B PE A2
13 23 33
41
14 24 34
42
T11 T12 T13 T31 T32 A1
T21 T22 T23
PE A2
43
63
9
35±0.3
7
× 5=35
5.9
R2.3
5
5.6
9
10.5
91
G9SA-301
G9SA-501
G9SA-321-T
@
G9SA-TH301
(See note 1.)
84±0.3
PWR (green)
K1 (green)
K2 (green)
PWR (green)
K1 (green)
K2 (green)
PWR (green)
K1 (green)
K2 (green)
K3 (green)
K4 (green)
41
33
23
13
24
14
42
34
43
42
87±0.3
5.6
R2.3
5
70
63
9
13.2
10.5
91
5.9
7
PWR (green)
K1 (green)
K2 (green)


Similar Part No. - G9SA-EX031-T15

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SA-EX031-T15 OMRON-G9SA-EX031-T15 Datasheet
1Mb / 16P
   The G9SA Series Offers a Complete Line-up of Compact Units.
More results

Similar Description - G9SA-EX031-T15

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SA OMRON-G9SA Datasheet
1Mb / 16P
   The G9SA Series Offers a Complete Line-up of Compact Units.
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8089 ESPRESSIF-ESP8089 Datasheet
836Kb / 20P
   The ESP8089 offers a complete and self-contained Wi-Fi networking solution
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Hirose Electric
GT7-2022SCF HIROSE-GT7-2022SCF Datasheet
281Kb / 10P
   Interface Portions and In-line Portions of the Various Units and Devices
GT6-1214SCF HIROSE-GT6-1214SCF Datasheet
96Kb / 3P
   Interface Portions and In-line Portions of the Various Units and Devices
logo
List of Unclassifed Man...
IPC-201 ETC-IPC-201 Datasheet
1Mb / 12P
   A complete training system in the field of Industrial Process Control
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
logo
NXP Semiconductors
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
   The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
MC68HC908QY4SM NXP-MC68HC908QY4SM Datasheet
1Mb / 52P
   The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
Rev. 0.1, 12/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com