Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS3158 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS3158
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3158 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS3158 Datasheet HTML 1Page - ON Semiconductor NLAS3158 Datasheet HTML 2Page - ON Semiconductor NLAS3158 Datasheet HTML 3Page - ON Semiconductor NLAS3158 Datasheet HTML 4Page - ON Semiconductor NLAS3158 Datasheet HTML 5Page - ON Semiconductor NLAS3158 Datasheet HTML 6Page - ON Semiconductor NLAS3158 Datasheet HTML 7Page - ON Semiconductor NLAS3158 Datasheet HTML 8Page - ON Semiconductor NLAS3158 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NLAS3158
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (TA = −40°C to +85°C)
Symbol
Parameter
Test Conditions
VCC
(V)
TA = +255C
TA = −405C to +855C
Unit
Figure
Number
Min
Typ
Max
Min
Max
tPHL
tPLH
Propagation Delay
Bus to Bus (Note 9)
VI = OPEN
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
1.2
0.8
0.3
ns
Figures
2, 3
tPZL
tPZH
Output Enable Time
Turn On Time
(A to Bn)
VI = 2
VCC for tPZL
VI = 0 V for tPZH
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
23
13
6.9
5.2
7.0
3.5
2.5
1.7
24
14
7.6
5.7
ns
Figures
2, 3
tPLZ
tPHZ
Output Disable Time
Turn Off Time
(A Port to B Port)
VI = 2
VCC for tPLZ
VI = 0 V for tPHZ
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
12.5
7.0
5.0
3.5
3.0
2.0
1.5
0.8
13
7.5
5.3
3.8
ns
Figures
2, 3
tBBM
Break Before Make
Time (Note 8)
RL = 50 W
CL = 35 pF
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
ns
Figure 4
Q
Charge Injection
(Note 8)
CL = 0.1 nF, VGEN = 0 V
RGEN = 0 W
5.0
3.3
7.0
3.0
pC
Figure 5
OIRR
Off Isolation (Note 10)
NO
RL = 50 W
f = 10 MHz
1.65−5.5
−55
dB
Figures
6, 16
OIRR
Off Isolation (Note 10)
NC
RL = 50 W
f = 10 MHz
1.65−5.5
−48
dB
Figures
6, 16
Xtalk
Crosstalk
RL = 50 W
f = 10 MHz
1.65−5.5
−54
dB
Figure 7
BW
−3 dB Bandwidth
RL = 50 W
2.5−5.5
250
MHz
Figures
10, 15
THD
Total Harmonic
Distortion (Note 8)
RL = 600 W
0.5 VP−P
f = 600 Hz to 20 kHz
2.5
5.0
0.014
0.004
%
Figure 11
CAPACITANCE (Note 11)
Symbol
Parameter
Test Conditions
Typ
Max
Unit
Figure
Number
CIN
Select Pin Input Capacitance
VCC = 0 V
2.3
pF
CIO−B
B Port Off Capacitance
VCC = 5.0 V
6.5
pF
Figure 8
CIOA−ON
A Port Capacitance when Switch is Enabled
VCC = 5.0 V
18.5
pF
Figure 9
8. Guaranteed by Design.
9. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On
Resistance of the switch and the 35 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
10. Off Isolation = 20 log10 [VA/VBn].
11. TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested in production.


Similar Part No. - NLAS3158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158 Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
NLAS3158 ONSEMI-NLAS3158_05 Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
More results

Similar Description - NLAS3158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158_05 Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com