Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4053DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS4053DR2G
Description  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS4053DR2G Datasheet HTML 5Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 6Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 7Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 8Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 9Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 10Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 11Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 12Page - ON Semiconductor NLAS4053DR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NLAS4053
http://onsemi.com
9
90%
90%
50%
50%
Output
Input
0 V
35 pF
Enable
Input
Open
DUT
Output
90%
GND
Output
GND
Input
35 pF
Output
Address Select Pin
DUT
50%
50%
90%
10%
0 V
Output
Input
35 pF
Output
Address Select Pin
Figure 18. Channel Selection Propagation Delay
300
W
VCC
VCC
0.1 mF
VOUT
VEE
VEE
VCC
300
W
VCC
VCC
90% of VOH
tON
tOFF
VOH
VCC
0.1 mF
tBMM
VOUT
GND
VCC
300
W
VOUT
0.1 mF
Figure 19. tBBM (Time Break−Before−Make)
Figure 20. tON/tOFF
ttrans
ttrans


Similar Part No. - NLAS4053DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4053DR2G ONSEMI-NLAS4053DR2G Datasheet
137Kb / 14P
   Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
More results

Similar Description - NLAS4053DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com