Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4053DT Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS4053DT
Description  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4053DT Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS4053DT Datasheet HTML 1Page - ON Semiconductor NLAS4053DT Datasheet HTML 2Page - ON Semiconductor NLAS4053DT Datasheet HTML 3Page - ON Semiconductor NLAS4053DT Datasheet HTML 4Page - ON Semiconductor NLAS4053DT Datasheet HTML 5Page - ON Semiconductor NLAS4053DT Datasheet HTML 6Page - ON Semiconductor NLAS4053DT Datasheet HTML 7Page - ON Semiconductor NLAS4053DT Datasheet HTML 8Page - ON Semiconductor NLAS4053DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NLAS4053
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
−7.0 to )0.5
V
VCC
Positive DC Supply Voltage (Note 1)
(Referenced to GND)
(Referenced to VEE)
−0.5 to )7.0
−0.5 to )7.0
V
VIS
Analog Input Voltage
VEE −0.5 to VCC )0.5
V
VIN
Digital Input Voltage
(Referenced to GND)
−0.5 to 7.0
V
I
DC Current, Into or Out of Any Pin
$50
mA
TSTG
Storage Temperature Range
−65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature under Bias
)150
_C
qJA
Thermal Resistance
SOIC
TSSOP
143
164
°C/W
PD
Power Dissipation in Still Air,
SOIC
TSSOP
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
u1000
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 5)
$300
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The absolute value of VCC $ |VEE| ≤ 7.0.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
−5.5
GND
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
2.5
2.5
5.5
6.6
V
VIS
Analog Input Voltage
VEE
VCC
V
VIN
Digital Input Voltage
(Note 6) (Referenced to GND)
0
5.5
V
TA
Operating Temperature Range, All Package Types
−55
125
_C
tr, tf
Input Rise/Fall Time
VCC = 3.0 V $ 0.3 V
(Channel Select or Enable Inputs)
VCC = 5.0 V $ 0.5 V
0
0
100
20
ns/V
6. Unused digital inputs may not be left open. All digital inputs must be tied to a high−logic voltage level or a low−logic input voltage level.


Similar Part No. - NLAS4053DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4053DT ONSEMI-NLAS4053DT Datasheet
137Kb / 14P
   Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
NLAS4053DTG ONSEMI-NLAS4053DTG Datasheet
137Kb / 14P
   Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
NLAS4053DTR2 ONSEMI-NLAS4053DTR2 Datasheet
137Kb / 14P
   Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
NLAS4053DTR2G ONSEMI-NLAS4053DTR2G Datasheet
137Kb / 14P
   Analog Multiplexer/Demultiplexer
November, 2005 ??Rev. 2
More results

Similar Description - NLAS4053DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com