Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4717EP Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS4717EP
Description  4.5 High Bandwidth, Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4717EP Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS4717EP Datasheet HTML 1Page - ON Semiconductor NLAS4717EP Datasheet HTML 2Page - ON Semiconductor NLAS4717EP Datasheet HTML 3Page - ON Semiconductor NLAS4717EP Datasheet HTML 4Page - ON Semiconductor NLAS4717EP Datasheet HTML 5Page - ON Semiconductor NLAS4717EP Datasheet HTML 6Page - ON Semiconductor NLAS4717EP Datasheet HTML 7Page - ON Semiconductor NLAS4717EP Datasheet HTML 8Page - ON Semiconductor NLAS4717EP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLAS4717EP
http://onsemi.com
2
Figure 1. Device Circuit Diagrams and Pin Configurations
COM1
COM2
NO1
NO2
IN1
IN2
NC1
NC2
C2
C3
C4
C1
A2
A3
A4
A1
GND
B1
B4
VCC
Microbump
(Top View)
WQFN
(Top View)
10
9
8
7
6
1
2
3
4
5
COM1
COM2
NO1
NO2
IN1
IN2
NC1
NC2
VCC
GND
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V+
DC Supply Voltage
*0.5 to )7.0
V
VIS
Analog Input Voltage (VNO, VNC, or VCOM) (Note 1)
*0.5  VIS  VCC )0.5
V
VIN
Digital Select Input Voltage
*0.5  VI )7.0
V
IIK
DC Current, Into or Out of Any Pin (Continuous)
100
mA
IPK
Peak Current (10% Duty Cycle)
200
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Signal voltage on NC, NO, and COM exceeding VCC or GND are clamped by the internal diodes. Limit forward diode current to maximum
current rating.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
V+
DC Supply Voltage
1.8
5.5
V
VIN
Digital Select Input Voltage
GND
5.5
V
VIS
Analog Input Voltage (NC, NO, COM)
GND
VCC
V
TA
Operating Temperature Range
−40
+85
C
tr, tf
Input Rise or Fall Time, SELECT
VCC = 3.3 V  0.3 V
VCC = 5.0 V  0.5 V
0
0
100
20
ns/V


Similar Part No. - NLAS4717EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EPMTR2G ONSEMI-NLAS4717EPMTR2G Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com