Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS5157 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS5157
Description  Ultra-Low 0.4 ohm SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5157 Datasheet(HTML) 8 Page - ON Semiconductor

  NLAS5157_14 Datasheet HTML 1Page - ON Semiconductor NLAS5157_14 Datasheet HTML 2Page - ON Semiconductor NLAS5157_14 Datasheet HTML 3Page - ON Semiconductor NLAS5157_14 Datasheet HTML 4Page - ON Semiconductor NLAS5157_14 Datasheet HTML 5Page - ON Semiconductor NLAS5157_14 Datasheet HTML 6Page - ON Semiconductor NLAS5157_14 Datasheet HTML 7Page - ON Semiconductor NLAS5157_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NLAS5157
http://onsemi.com
8
PACKAGE DIMENSIONS
UDFN6, 1.45x1.0, 0.5P
CASE 517AQ
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
6X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
b
0.20
0.30
D
1.45 BSC
E
1.00 BSC
e
0.50 BSC
L
0.30
0.40
L1
−−−
0.15
DIMENSIONS: MILLIMETERS
0.30
6X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT
PACKAGE
OUTLINE
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
A2
0.07 REF
6X
A2
DETAIL B
DETAIL A
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NLAS5157/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NLAS5157_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5157MUTCG ONSEMI-NLAS5157MUTCG Datasheet
140Kb / 8P
   Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
More results

Similar Description - NLAS5157_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157 Datasheet
140Kb / 8P
   Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268 Datasheet
658Kb / 11P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com