Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS7213 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS7213
Description  High-Speed USB 2.0 DPST Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213 Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS7213 Datasheet HTML 1Page - ON Semiconductor NLAS7213 Datasheet HTML 2Page - ON Semiconductor NLAS7213 Datasheet HTML 3Page - ON Semiconductor NLAS7213 Datasheet HTML 4Page - ON Semiconductor NLAS7213 Datasheet HTML 5Page - ON Semiconductor NLAS7213 Datasheet HTML 6Page - ON Semiconductor NLAS7213 Datasheet HTML 7Page - ON Semiconductor NLAS7213 Datasheet HTML 8Page - ON Semiconductor NLAS7213 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NLAS7213
www.onsemi.com
5
0.0000
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Figure 3. ICC vs. Vin
Vin (V)
VCC 4.3 V
VCC 3.6 V
VCC 3.0 V
0
0.00001
0.00002
0.00003
0.00004
0.00005
0.00006
0.00007
0.00008
0.00009
0.0001
0
0.4
0.8
1.2 1.6
2.0
2.4 2.8
3.2
3.6
4.0
Figure 4. ICC vs. Vin
Vin (V)
VCC 4.3 V
VCC 3.6 V
VCC 3.0 V
Figure 5. tBBM (Time Break−Before−Make)
Output
DUT
50
W
35 pF
VCC
Switch Select Pin
Output
Input
VCC
GND
Figure 6. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 7. tON/tOFF
DUT
Open
35 pF
VCC
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
50
W
0.1
mF
tBMM
Output
VOUT
VOL
VOUT
VOH
VOL
DUT
Open
VCC
Input
Output
50
W
35 pF
VOUT
0.1
mF
50 % OF
DROOP
VOLTAGE
DROOP


Similar Part No. - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
More results

Similar Description - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Savitech Corp.
SV7102 SAVITECH-SV7102 Datasheet
291Kb / 8P
   Low Voltage, High-Speed USB 2.0 Switch
logo
NXP Semiconductors
NX3DV221 PHILIPS-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
BQ24392 TI1-BQ24392_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com