Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS7213MUTBG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS7213MUTBG
Description  High-Speed USB 2.0 DPST Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213MUTBG Datasheet(HTML) 8 Page - ON Semiconductor

  NLAS7213MUTBG Datasheet HTML 1Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 2Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 3Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 4Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 5Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 6Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 7Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 8Page - ON Semiconductor NLAS7213MUTBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NLAS7213
www.onsemi.com
8
Near End Test Data
Min
Max
Std.
Consecutive Jitter Range
−44.80
76.30
ps
−200 ps
+200 ps
Paired JK Jitter Range
−63.59
56.33
ps
Paired KJ Jitter Range
−44.15
45.68
ps
NO
Consecutive Jitter Range
−58.40
90.58
ps
−200 ps
+200 ps
Paired JK Jitter Range
−65.90
70.64
ps
Paired KJ Jitter Range
−52.43
55.14
ps
ORDERING INFORMATION
Device
Package
Shipping†
NLAS7213MUTBG
UQFN8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLAS7213MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
More results

Similar Description - NLAS7213MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Savitech Corp.
SV7102 SAVITECH-SV7102 Datasheet
291Kb / 8P
   Low Voltage, High-Speed USB 2.0 Switch
logo
NXP Semiconductors
NX3DV221 PHILIPS-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
BQ24392 TI1-BQ24392_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com