Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC010NE2LS Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC010NE2LS
Description  OptiMOSTM Power-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC010NE2LS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC010NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 9Page - Infineon Technologies AG BSC010NE2LS Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BSC010NE2LS
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=30 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS; I D=250 µA
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
0
0.5
1
1.5
2
2.5
3
-60
-20
20
60
100
140
180
T
j [°C]
250 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T
j [°C]
Ciss
Coss
Crss
102
103
104
100
1000
10000
0
5
10
15
20
25
V
DS [V]
25 °C
150 °C
1
10
100
1000
0.0
0.5
1.0
1.5
V
SD [V]
Rev. 2.2
page 6
2013-02-12


Similar Part No. - BSC010NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC010NE2LS INFINEON-BSC010NE2LS Datasheet
1Mb / 12P
   n-Channel Power MOSFET
2.0, 2011-03-01
logo
Inchange Semiconductor ...
BSC010NE2LS ISC-BSC010NE2LS Datasheet
381Kb / 3P
   isc N-Channel MOSFET Transistor
2023-8-29
logo
Infineon Technologies A...
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
1Mb / 12P
   n-Channel Power MOSFET
2.1, 2011-09-08
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
1Mb / 12P
   OptiMOSTM Power-MOSFET, 25 V
Rev.2.4,2016-01-29
More results

Similar Description - BSC010NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS INFINEON-BSC009NE2LS Datasheet
738Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-26
BSB013NE2LXI INFINEON-BSB013NE2LXI_13 Datasheet
609Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
BSC050NE2LS INFINEON-BSC050NE2LS_13 Datasheet
835Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-29
BSC032NE2LS INFINEON-BSC032NE2LS_13 Datasheet
761Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-29
BSC014NE2LSI INFINEON-BSC014NE2LSI_13 Datasheet
744Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-26
BSC018NE2LSI INFINEON-BSC018NE2LSI Datasheet
682Kb / 10P
   OptiMOSTM Power-MOSFET
Rev.2.2 2013-04-29
BSC016N06NS INFINEON-BSC016N06NS_13 Datasheet
610Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.1 2013-01-29
BSC018NE2LS INFINEON-BSC018NE2LS_13 Datasheet
820Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC011N03LS INFINEON-BSC011N03LS_13 Datasheet
752Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-05-14
BSF035NE2LQ INFINEON-BSF035NE2LQ Datasheet
910Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 1.3 2013-09-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com