Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1C821MPD1TD Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # UPA1C821MPD1TD
Description  Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

UPA1C821MPD1TD Datasheet(HTML) 6 Page - Dialog Semiconductor

  UPA1C821MPD1TD Datasheet HTML 1Page - Dialog Semiconductor UPA1C821MPD1TD Datasheet HTML 2Page - Dialog Semiconductor UPA1C821MPD1TD Datasheet HTML 3Page - Dialog Semiconductor UPA1C821MPD1TD Datasheet HTML 4Page - Dialog Semiconductor UPA1C821MPD1TD Datasheet HTML 5Page - Dialog Semiconductor UPA1C821MPD1TD Datasheet HTML 6Page - Dialog Semiconductor UPA1C821MPD1TD Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
iW1830-EVAL
Evaluation Board for 15W Dual-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
6 of 7
18-May 2016
Item Qty.
Ref.
Description
Footprint
Mfg. Part Number
Manufacturer
40
2
CON2
CON3
WR-TBL Terminal block-serie 101, 5.00mm -
Modular-blue-Horizontal entry with pressure
clamp - 12.6mm
691 101 710 002
Würth Elektronik
41
1
T1
EE20/10/6 (EF20),14-Pin EXT, THT,
Horizontal for 12V1A 5V0.5A
750 343 108
Würth Elektronik
42
4
Support Self-Retaining Spacer WA-SNSR ,Nylon 66,
natural
702 917 000
Würth Elektronik
43
2
C11,C12 1nF,100V,X7R,SMD-0805
0805
CC0805KRX7R0BB102
YAGEO Corporation


Similar Part No. - UPA1C821MPD1TD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPA1C821MPD NICHICON-UPA1C821MPD Datasheet
89Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPA1C821MPD1TD

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1830-EVAL1 DIALOG-IW1830-EVAL1 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
IW1818-EVAL DIALOG-IW1818-EVAL Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
   15W Output Switching Power Supply
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
   15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
   15W Output Switching Power Supply
PM-15 MEANWELL-PM-15_12 Datasheet
231Kb / 2P
   15W Output Switching Power Supply
PM-15 MEANWELL-PM-15 Datasheet
197Kb / 2P
   15W Output Switching Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Microchip Technology
PS2070 MICROCHIP-PS2070 Datasheet
175Kb / 10P
   Switch Mode Charger Evaluation Board
2005
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com