Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB280N15NZ3G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSB280N15NZ3G
Description  n-Channel Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB280N15NZ3G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSB280N15NZ3G Datasheet HTML 4Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 5Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 6Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 7Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 8Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 9Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 10Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 11Page - Infineon Technologies AG BSB280N15NZ3G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
OptiMOS™ Power-MOSFET
BSB280N15NZ3 G
Electrical characteristics diagrams
Final Data Sheet
7
2.5, 2011-09-16
Table 12
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R
DS(on)=f(Tj); ID=30 A; VGS=10 V
V
GS(th)=f(Tj); VGS=VDS; ID=250 µA
Table 13
11 Typ. capacitances
12 Forward characteristics of reverse diode
C=f(V
DS); VGS=0 V; f=1 MHz
I
F=f(VSD); parameter: Tj


Similar Part No. - BSB280N15NZ3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB280N15NZ3G INFINEON-BSB280N15NZ3G Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.3, 2011-03-01
BSB280N15NZ3G INFINEON-BSB280N15NZ3G Datasheet
32Kb / 1P
   Material Content Data Sheet
4. September 2015
BSB280N15NZ3G INFINEON-BSB280N15NZ3G_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
4. September 2015
More results

Similar Description - BSB280N15NZ3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com