Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7404 Datasheet(PDF) 1 Page - Analog Devices

Part # IRF7404
Description  Thermoelectric Cooler Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7404 Datasheet(HTML) 1 Page - Analog Devices

  IRF7404 Datasheet HTML 1Page - Analog Devices IRF7404 Datasheet HTML 2Page - Analog Devices IRF7404 Datasheet HTML 3Page - Analog Devices IRF7404 Datasheet HTML 4Page - Analog Devices IRF7404 Datasheet HTML 5Page - Analog Devices IRF7404 Datasheet HTML 6Page - Analog Devices IRF7404 Datasheet HTML 7Page - Analog Devices IRF7404 Datasheet HTML 8Page - Analog Devices IRF7404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADN8830
Thermoelectric Cooler Controller
FEATURES
High Efficiency
Small Size: 5 mm
5 mm LFCSP
Low Noise: <0.5% TEC Current Ripple
Long-Term Temperature Stability:
0.01 C
Temperature Lock Indication
Temperature Monitoring Output
Oscillator Synchronization with an External Signal
Clock Phase Adjustment for Multiple Controllers
Programmable Switching Frequency up to 1 MHz
Thermistor Failure Alarm
Maximum TEC Voltage Programmability
APPLICATIONS
Thermoelectric Cooler (TEC) Temperature Control
Resistive Heating Element Control
Temperature Stabilization Substrate (TSS) Control
FUNCTIONAL BLOCK DIAGRAM
PID COMPENSATION
NETWORK
TEMPERATURE
MEASUREMENT
AMPLIFIER
PWM
CONTROLLER
FROM
THERMISTOR
TEMPERATURE
SET
INPUT
VOLTAGE
REFERENCE
VREF
OSCILLATOR
FREQUENCY/PHASE
CONTROL
P-CHANNEL
(UPPER MOSFET)
N-CHANNEL
MOSFET
DRIVERS
P-CHANNEL
(LOWER MOSFET)
N-CHANNEL
GENERAL DESCRIPTION
The ADN8830 is a monolithic controller that drives a thermo-
electric cooler (TEC) to stabilize the temperature of a laser diode
or a passive component used in telecommunications equipment.
This device relies on a negative temperature coefficient (NTC)
thermistor to sense the temperature of the object attached to the
TEC. The target temperature is set with an analog input voltage
either from a DAC or an external resistor divider.
The loop is stabilized by a PID compensation amplifier with
high stability and low noise. The compensation network can be
adjusted by the user to optimize temperature settling time. The
component values for this network can be calculated based on
the thermal transfer function of the laser diode or obtained
from the lookup table given in the Application Notes section.
Voltage outputs are provided to monitor both the temperature of
the object and the voltage across the TEC. A voltage reference
of 2.5 V is also provided.


Similar Part No. - IRF7404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7404 IRF-IRF7404 Datasheet
163Kb / 8P
   HEXFET Power MOSFET
logo
Analog Devices
IRF7404 AD-IRF7404 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7404 UMW-IRF7404 Datasheet
394Kb / 8P
   P-Channel MOSFET
logo
International Rectifier
IRF7404PBF IRF-IRF7404PBF Datasheet
231Kb / 9P
   HEXFET Power MOSFET
IRF7404PBF IRF-IRF7404PBF Datasheet
237Kb / 9P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - IRF7404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
   ThermoElectric Cooler Drive Controller IC
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com