Electronic Components Datasheet Search |
|
ADS8325IDRBR Datasheet(PDF) 2 Page - Burr-Brown (TI) |
|
|
ADS8325IDRBR Datasheet(HTML) 2 Page - Burr-Brown (TI) |
2 / 21 page ADS8325 2 SBAS226A www.ti.com MAXIMUM NO INTEGRAL MISSING SPECIFIED LINEARITY CODES ERROR PACKAGE- PACKAGE TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT ERROR (LSB) (LSB)(1) LEAD DESIGNATOR(2) RANGE MARKING NUMBER MEDIA, QUANTITY ADS8325I ±6 15 MSOP-8 DGK –40 °C to 85°C B25 ADS8325IDGKT Tape and Reel, 250 "" " " " " " ADS8325IDGKR Tape and Reel, 2500 ADS8325IB ±4 16 MSOP-8 DGK –40 °C to 85°C B25 ADS8325IBDGKT Tape and Reel, 250 "" " " " " " ADS8325IBDGKR Tape and Reel, 2500 ADS8325I ±6 15 SON-8 DRB –40 °C to 85°C B25 ADS8325IDRBT Tape and Reel, 250 "" " " " " " ADS8325IDRBR Tape and Reel, 2500 ADS8325IB ±4 16 SON-8 DRB –40 °C to 85°C B25 ADS8325IBDRBT Tape and Reel, 250 "" " " " " " ADS8325IBDRBR Tape and Reel, 2500 NOTE: (1) No Missing Codes Error specifies a 5V power supply and reference voltage. (2) For the most current specifications and package information, refer to our web site at www.ti.com. PACKAGE/ORDERING INFORMATION ABSOLUTE MAXIMUM RATINGS(1) over operating free-air temperature, unless otherwise noted. Supply Voltage, DGND to VDD .................................................................. –0.3V to 6V Analog Input Voltage(2) ............................................................... –0.3V to VDD + 0.3V Reference Input Voltage(2) ........................................................ –0.3V to VDD + 0.3V Digital Input Voltage(2) ............................................................. –0.3V to VDD + 0.3V Input Current to Any Pin Except Supply ......................... –20mA to 20mA Power Dissipation ....................................... See Dissipation Rating Table Operating Virtual Junction Temperature Range, TJ ...... –40°C to +150°C Operating Free-Air Temperature Range, TA .................... –40°C to +85°C Storage Temperature Range, TSTG ................................ –65°C to +150°C Lead Temperature 1.6mm (1/16 inch) from Case for 10sec ..................... 260 °C ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper han- dling and installation procedures can cause damage. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. NOTES: (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions of extended periods may affect device reliability. (2) All voltage values are with respect to ground terminal. EQUIVALENT INPUT CIRCUIT DERATING FACTOR TA ≤ 25°CTA = 70°CTA = 85°C PACKAGE RθJC RθJA ABOVE TA = 25°C POWER RATING POWER RATING POWER RATING DGK 39.1 °C/W 206.3 °C/W 4.847mW/ °C 606mW 388mW 315mW DRB 5 °C/W 45.8 °C/W 3.7mW/ °C 370mW 204mW 148mW MIN TYP MAX UNIT Supply Voltage Low-Voltage Levels 2.7 3.6 V GND to VDD 5V Logic Levels 4.5 5.0 5.5 V Reference Input Voltage 2.5 VDD V Analog Input –IN –0.3 0 0.5 V Voltage +IN – (–IN) 0 VREF V Operating Junction Temperature –40 125 °C Range, TJ RECOMMENDED OPERATING CONDITIONS PACKAGE DISSIPATION RATING TABLE R ON 20 Ω C (SAMPLE) 20pF Shut-Down Switch V DD I/O GND V DD ANALOG IN GND Diode Turn-On Voltage: 0.35V Equivalent Analog Input Circuit V DD REF GND Equivalent Reference Input Circuit Equivalent Digital Input/Output Circuit 20pF 5k Ω |
Similar Part No. - ADS8325IDRBR |
|
Similar Description - ADS8325IDRBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |