Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN501 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # AN501
Description  The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN501 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button AN501 Datasheet HTML 3Page - Vishay Siliconix AN501 Datasheet HTML 4Page - Vishay Siliconix AN501 Datasheet HTML 5Page - Vishay Siliconix AN501 Datasheet HTML 6Page - Vishay Siliconix AN501 Datasheet HTML 7Page - Vishay Siliconix AN501 Datasheet HTML 8Page - Vishay Siliconix AN501 Datasheet HTML 9Page - Vishay Siliconix AN501 Datasheet HTML 10Page - Vishay Siliconix AN501 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN501
Vishay Siliconix
Document Number: 70608
03-Aug-99
www.vishay.com
S FaxBack 408-970-5600
6-9
PCM Highway
PCM Highway from codecs
within main exchange
Central office or main telephone
exchange
Couple hundred yards/different floor
Remote
Exchange/
Switch
or
Digital PBX
or
Concentrator
Regen
-erator
(1)
Code
Converter
Binary
Distribution
Frame
Code
Converter
(2)
Remote
Exchange/
Switch
or
Digital PBX
or
Concentrator
Regen
-erator
(2)
Regen
-erator
(3)
FIGURE 16. Binary PCM Routing Network
PCM Highway
PCM Highway from codecs
within main exchange
Central office or main telephone
exchange
Remote
Exchange/
Switch
or
Digital PBX or
Concentrator
Remote
Exchange/
Switch
or
Digital PBX or
Concentrator
FIGURE 17. DG536 PCM Distribution Frame
DG535/536
Crosspoint
Digital Signal
Processing Board Under Test
16-Bit Data Bus
D
Data
Logging
Address Bus
DG535/536
A0 to A3
S1
S16
S2
Micro-
Processor
FIGURE 18. ATE Applications
Logic
Input
Gain Set
Video Out
Video In
D
DG536
+
470
W
Rf
75
W
75
W
S1
A0 to A3
RA
S2
S3
S4
S5
S16
RB
RC
RD
RE
RP
CLC410
FIGURE 19. Programmable Gain Video Amplifier


Similar Part No. - AN501

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN501 STANLEY-AN501 Datasheet
246Kb / 4P
   THROUGH-HOLE SHAPE - INFRARED LED
logo
List of Unclassifed Man...
AN5010 ETC-AN5010 Datasheet
294Kb / 6P
   TV ELECTRONIC CHANNEL SELECTION CIRCUIT
More results

Similar Description - AN501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK09L ALPS-RK09L_15 Datasheet
972Kb / 6P
   Single-unit and dual-unit types suit a variety of controls
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
PHOENIX CONTACT
2719629 PHOENIX-2719629 Datasheet
66Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
PHOENIX CONTACT
2722771 PHOENIX-2722771 Datasheet
67Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2725888 PHOENIX-2725888 Datasheet
64Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Rochester Electronics
CLC425A ROCHESTER-CLC425A Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com