Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR193 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFR193
Description  Low Noise Silicon Bipolar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR193 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFR193 Datasheet HTML 1Page - Infineon Technologies AG BFR193 Datasheet HTML 2Page - Infineon Technologies AG BFR193 Datasheet HTML 3Page - Infineon Technologies AG BFR193 Datasheet HTML 4Page - Infineon Technologies AG BFR193 Datasheet HTML 5Page - Infineon Technologies AG BFR193 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2014-04-04
2
BFR193
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
12
-
-
V
Collector-emitter cutoff current
VCE = 20 V, VBE = 0
ICES
-
-
100
µA
Collector-base cutoff current
VCB = 10 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 1 V, IC = 0
IEBO
-
-
1
µA
DC current gain
IC = 30 mA, VCE = 8 V, pulse measured
hFE
70
100
140
-


Similar Part No. - BFR193

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR193 INFINEON-BFR193 Datasheet
80Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
BFR193 INFINEON-BFR193 Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
BFR193 INFINEON-BFR193 Datasheet
514Kb / 6P
   NPN Bipolar RF Transistor
2012-08-09
BFR193E6327 INFINEON-BFR193E6327 Datasheet
514Kb / 6P
   NPN Bipolar RF Transistor
2012-08-09
More results

Similar Description - BFR193

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com