Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR183 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFR183
Description  Low Noise Silicon Bipolar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR183 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFR183_14 Datasheet HTML 1Page - Infineon Technologies AG BFR183_14 Datasheet HTML 2Page - Infineon Technologies AG BFR183_14 Datasheet HTML 3Page - Infineon Technologies AG BFR183_14 Datasheet HTML 4Page - Infineon Technologies AG BFR183_14 Datasheet HTML 5Page - Infineon Technologies AG BFR183_14 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2014-04-03
1
BFR183
Low Noise Silicon Bipolar RF Transistor
• For low noise, high-gain broadband amplifiers at
collector currents from 2 mA to 30 mA
• fT = 8 GHz, NFmin = 0.9 dB at 900 MHz
• Pb-free (RoHS compliant) package
• Qualification report according to AEC-Q101 available
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFR183
RHs
1=B
2=E
3=C
SOT23
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
65
mA
Base current
IB
5
Total power dissipation1)
TS ≤ 60 °C
Ptot
450
mW
Junction temperature
TJ
150
°C
Storage temperature
TStg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
200
K/W
1TS is measured on the collector lead at the soldering point to the pcb
2For the definition of RthJS please refer to Application Note AN077 (Thermal Resistance Calculation)


Similar Part No. - BFR183_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR183F INFINEON-BFR183F Datasheet
52Kb / 6P
   NPN Silicon RF Transistor
2005-10-14
logo
Vishay Siliconix
BFR183T VISHAY-BFR183T Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 20-Jan-99
logo
Infineon Technologies A...
BFR183T INFINEON-BFR183T Datasheet
80Kb / 7P
   NPN Silicon RF Transistor
Aug-22-2001
logo
Vishay Siliconix
BFR183TF VISHAY-BFR183TF Datasheet
72Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 23-Sep-02
BFR183TW VISHAY-BFR183TW Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 20-Jan-99
More results

Similar Description - BFR183_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com