Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSI-D-CGRADE Datasheet(PDF) 3 Page - All Sensors Corporation

Part # PSI-D-CGRADE
Description  C-Grade Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

PSI-D-CGRADE Datasheet(HTML) 3 Page - All Sensors Corporation

  PSI-D-CGRADE Datasheet HTML 1Page - All Sensors Corporation PSI-D-CGRADE Datasheet HTML 2Page - All Sensors Corporation PSI-D-CGRADE Datasheet HTML 3Page - All Sensors Corporation PSI-D-CGRADE Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All Sensors
DS-0106 Rev B
Minimum
--
16
--
--
--
--
Nominal
1.0
18
--
--
0.5
--
Maximum
--
20
±1
±1
1.0
±2
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
57
--
--
--
--
Nominal
5.0
60
--
--
0.5
--
Maximum
--
63
±1
±1
1.0
±2
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
18
--
--
--
--
Nominal
0.3
20.0
--
--
0.5
--
Maximum
--
22
±1
±1
1
±2
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
85
--
--
--
--
Nominal
15.0
90.0
--
--
0.5
--
Maximum
--
95
±1
±1
1.0
±2
Units
PSI
mV
mV
mV
%fs
%fs
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero gage pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 1 PSI-G-CGRADE-MINI
Performance Characteristics for 5 PSI-G-CGRADE-MINI
Performance Characteristics for 0.3 PSI-G-CGRADE-MINI
Performance Characteristics for 15 PSI-G-CGRADE-MINI


Similar Part No. - PSI-D-CGRADE

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
   Industrial Temperature Grade with Voltage Reference
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
PSI-D-HGRADE ASC-PSI-D-HGRADE Datasheet
138Kb / 4P
   H-Grade Pressure Sensors
PSI-D-HGRADE-MINI ASC-PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results

Similar Description - PSI-D-CGRADE

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
PSI-D-HGRADE ASC-PSI-D-HGRADE Datasheet
138Kb / 4P
   H-Grade Pressure Sensors
0.3PSI-G-HGRADE-MINI ASC-0.3PSI-G-HGRADE-MINI Datasheet
138Kb / 4P
   H-Grade Pressure Sensors
PSI-D-PRIME-MINI ASC-PSI-D-PRIME-MINI Datasheet
702Kb / 5P
   Prime Grade Pressure Sensors
PSI-D-PRIME-MV-ND ASC-PSI-D-PRIME-MV-ND Datasheet
238Kb / 5P
   Prime Grade Pressure Sensors
DS-0039 ASC-DS-0039 Datasheet
263Kb / 3P
   Baromtric Pressure Sensors Prime Grade
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com