Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-8900 Datasheet(PDF) 3 Page - Keysight Technologies

Part # TS-8900
Description  TS-8900 Automotive Electronics Functional Test System
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TS-8900 Datasheet(HTML) 3 Page - Keysight Technologies

  TS-8900 Datasheet HTML 1Page - Keysight Technologies TS-8900 Datasheet HTML 2Page - Keysight Technologies TS-8900 Datasheet HTML 3Page - Keysight Technologies TS-8900 Datasheet HTML 4Page - Keysight Technologies TS-8900 Datasheet HTML 5Page - Keysight Technologies TS-8900 Datasheet HTML 6Page - Keysight Technologies TS-8900 Datasheet HTML 7Page - Keysight Technologies TS-8900 Datasheet HTML 8Page - Keysight Technologies TS-8900 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
3
TS-8900 Platform Architecture
The TS-8900 comprises seven major sub-systems:
– System controller (software and I/O)
– Serial communication
– Power sources
– Measuring/Stimulus instrumentation (PXI, LXI, GPIB)
– DUT-Specific connections (loads, etc.)
– Signal/Load switching (DC/AC)
– Mass interconnect
System Controller
The TS-8900 system controller comprises an industrial
PC with 3.0 GHz Intel Core2Duo processor and 2 GB
RAM with pre-installed Test Exec. 7.0 and Windows XP.
With up to 3 PCI slots available, the TS-8900 provides
customers with a scalable system controller that is able
to able to support up to 1 PCI-based CAN module, a GPIB
module and with 1 PCI slot to spare. The TS-5000 family
application software comprises of 400 built-in libraries for
automotive applications, empowering test engineers to
develop test plans in shorter time frames.
Flat panel
display
E6198B Switch
Load Unit #1
OBT #1
UPS, Arb, Counter
Power supply
Advantech IPC
Keyboard tray
Front view
Side view
LXI Instrument
LXI Instrument


Similar Part No. - TS-8900

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
More results

Similar Description - TS-8900

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-5400 KEYSIGHT-TS-5400 Datasheet
980Kb / 15P
   TS-5400 Series II Automotive Electronics Functional Test System
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
U8972A KEYSIGHT-U8972A Datasheet
713Kb / 22P
   TS-5400 High Performance PXI Functional Test System with Mac Panel Interface
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Hirose Electric
DF59 HIROSE-DF59 Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
logo
JFW Industries, Inc.
50PMA-012 JFW-50PMA-012 Datasheet
27Kb / 1P
   TRANSCEIVER TEST SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com