Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-8900 Datasheet(PDF) 4 Page - Keysight Technologies

Part # TS-8900
Description  TS-8900 Automotive Electronics Functional Test System
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TS-8900 Datasheet(HTML) 4 Page - Keysight Technologies

  TS-8900 Datasheet HTML 1Page - Keysight Technologies TS-8900 Datasheet HTML 2Page - Keysight Technologies TS-8900 Datasheet HTML 3Page - Keysight Technologies TS-8900 Datasheet HTML 4Page - Keysight Technologies TS-8900 Datasheet HTML 5Page - Keysight Technologies TS-8900 Datasheet HTML 6Page - Keysight Technologies TS-8900 Datasheet HTML 7Page - Keysight Technologies TS-8900 Datasheet HTML 8Page - Keysight Technologies TS-8900 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
4
TS-8900 Platform Architecture (continued)
Keysight TestExec SL is a test executive designed for
high-volume, high throughput functional test application
across multiple industries. This robust software empowers
test developers with built-in functions that will ultimately
reduce development time and improve throughput. These
powerful functions encompass:
– A fully customizable operator user interface
– An open architecture for multiple-instrument integration
– A flexible test sequencing
– A set of easy-to-learn debugging tools and provisions for
line integration in most manufacturing test environments.
TestExec SL boosts productivity, offers unique advantages
for test automation and is unbeaten for ease of use. With
its modular architecture, you can use the high-level tools
and powerful features to accelerate program development
and test integration with TestExec SL.
The Test Exec. 7.0 multithreading feature improves
test time throughput via parallel execution of test
measurements in the test plan. Figure 1 below reveals a
test time reduction of up to 40% for a particular test plan
using this feature in comparison to the test plan being
executed in serial mode.
Total
test time:
5 seconds
Total
test time:
3 seconds
3 sec. delay
timer
3 sec. delay
timer
2 sec. delay
timer
2 sec. delay
timer
3 sec.
3 sec.
2 sec.
2 sec.
Time
Time
Figure 1. Parallel execution of test measurements with the multi-threading feature in TestExec 7.0 reduces test time by 40% in this illustration.


Similar Part No. - TS-8900

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
More results

Similar Description - TS-8900

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-5400 KEYSIGHT-TS-5400 Datasheet
980Kb / 15P
   TS-5400 Series II Automotive Electronics Functional Test System
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
U8972A KEYSIGHT-U8972A Datasheet
713Kb / 22P
   TS-5400 High Performance PXI Functional Test System with Mac Panel Interface
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Hirose Electric
DF59 HIROSE-DF59 Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
logo
JFW Industries, Inc.
50PMA-012 JFW-50PMA-012 Datasheet
27Kb / 1P
   TRANSCEIVER TEST SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com