Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-2000A Datasheet(PDF) 1 Page - Copal Electronics

Part # S-2000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-2000A Datasheet(HTML) 1 Page - Copal Electronics

  S-2000A Datasheet HTML 1Page - Copal Electronics S-2000A Datasheet HTML 2Page - Copal Electronics S-2000A Datasheet HTML 3Page - Copal Electronics S-2000A Datasheet HTML 4Page - Copal Electronics S-2000A Datasheet HTML 5Page - Copal Electronics S-2000A Datasheet HTML 6Page - Copal Electronics S-2000A Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAR(Polyarylate
S-12 □□ A/22 □□ A only
FEATURES
O RoHS compliant
O Protection against dust and whole cleaning after
soldering is possible
O Pin compatible with conventional DIP switches
O Translucent knob with flange type (S-1200A/2200A
series)
• Distinguished visibility with translucent flange
• Settable with fingers or screwdriver
Part name
Insert rotor
Translucent
knob with flange
Base
Housing
Contact
“O” ring
Terminal pin
Material
Flammability
UL94HB
UL94HB
UL94V-2
Polybutyleneterephthalate
Silicone rubber
Polybutyleneterephthalate
Copper alloy, Gold-plated
Rotor : Polyoxymethylene
Pattern : Copper alloy, Gold-plated
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
S-1000A / 2000A series
S - 1 0 1 0 A W
No. of positions
Shape of rotor
0Without knob
1With knob (with extended shaft)
2Translucent knob with flange (Black housing)
Form of packaging
Code format
WTray packaging
BlankBulk in plastic bag
Setting position
0Top setting
1Side setting
1Real code
3Complementary code
※ Please refer to the LIST OF PART NUMBERS when placing orders.
116 positions
210 positions
S-1000A/2000A
ROTARY CODED SWITCHES
RoHS compliant


Similar Part No. - S-2000A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-20 COOPER-S-20 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-20 EATON-S-20 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Mean Well Enterprises C...
S-201 MEANWELL-S-201 Datasheet
325Kb / 2P
   200W Single Output Switching Power Supply
S-201-12 MEANWELL-S-201-12 Datasheet
325Kb / 2P
   200W Single Output Switching Power Supply
S-201-13.5 MEANWELL-S-201-13.5 Datasheet
325Kb / 2P
   200W Single Output Switching Power Supply
More results

Similar Description - S-2000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com