Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH-7030TB Datasheet(PDF) 2 Page - Copal Electronics

Part # SH-7030TB
Description  ROTARY CODED SWITCHES (SMD)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SH-7030TB Datasheet(HTML) 2 Page - Copal Electronics

  SH-7030TB Datasheet HTML 1Page - Copal Electronics SH-7030TB Datasheet HTML 2Page - Copal Electronics SH-7030TB Datasheet HTML 3Page - Copal Electronics SH-7030TB Datasheet HTML 4Page - Copal Electronics SH-7030TB Datasheet HTML 5Page - Copal Electronics SH-7030TB Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
           10 positions
CODE FORMAT
No. of positions
16 positions
Position
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
Code
Real code
8
4
2
1
8
4
2
1
8
4
2
1
Complemen-
tary code
Gray code
O …Contact closed
LIST OF PART NUMBERS
Setting
position
Shape of
rotor
Top setting
Shape of
terminal
A
(J-hook)
Minus slot
B
(Gull wing)
C
(Through hole pins)
Form of
packaging
Taping
Magazine
Taping
Magazine
Taping
Magazine
Binary coded decimal
Complementary code Gray code
Real code
Complementary code Gray code
Real code
Binary coded hexadecimal
SH-7010TA
SH-7030TA
SH-7050TA
SH-7070TA
500 pcs./reel
SH-7010MA SH-7030MA
SH-7050MA SH-7070MA
50 pcs./stick
SH-7010TB
SH-7030TB
SH-7040TB SH-7050TB
SH-7070TB SH-7080TB
500 pcs./reel
SH-7010MB SH-7030MB SH-7040MB SH-7050MB SH-7070MB SH-7080MB 50 pcs./stick
SH-7010MC SH-7030MC
SH-7050MC SH-7070MC
50 pcs./stick
Pieces in
package
  : Not manufactured
※ Verify the above part numbers when placing orders.Taping and
magazine version can be supplied only in reel or stick unit.
STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
BCD
(Real code, Complementary code, Gray code)
BCH
(Real code, Complementary code, Gray code)
−40 ~ 85 °C
−40 ~ 105 °C (Gray code)
Washable by “O” ring
※Please refer to page 150,151
Approx. 0.38 g
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
1000 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC250 V, 60 s
ELECTRICAL CHARACTERISTICS
SH-7000
ROTARY CODED SWITCHES (SMD)


Similar Part No. - SH-7030TB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SH-7030TB COOPER-SH-7030TB Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
More results

Similar Description - SH-7030TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com