Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-2111W Datasheet(PDF) 1 Page - Copal Electronics

Part # SD-2111W
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SD-2111W Datasheet(HTML) 1 Page - Copal Electronics

  SD-2111W Datasheet HTML 1Page - Copal Electronics SD-2111W Datasheet HTML 2Page - Copal Electronics SD-2111W Datasheet HTML 3Page - Copal Electronics SD-2111W Datasheet HTML 4Page - Copal Electronics SD-2111W Datasheet HTML 5Page - Copal Electronics SD-2111W Datasheet HTML 6Page - Copal Electronics SD-2111W Datasheet HTML 7Page - Copal Electronics SD-2111W Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
O RoHS compliant
O Fine click with metallic spring
O Low profile of 3.9 mm makes perfect for high density
board mounting applications
O Gold plated contact provides excellent reliability
O Cross and minus slot are available
O Terminal pin arrangement 3-3
Part name
Insert rotor
Metallic spring
Base
Housing
Contact
“O” ring
Terminal pin
Material
Flammability
UL94V-0
UL94V-0
UL94HB
UL94V-0
Polyphenylenesulphide
Silicone rubber
Polyphenylenesulphide
Copper alloy, Gold-plated
Rotor : Polyamide
Pattern : Copper alloy, Gold-plated
Stainless (SUS 301)
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
SD-1000 / 2000 series
S D - 1 0 1 0 T B
Series name
コード Code format
1Real code (Rotor color Yellow)
3Complementary code (Rotor color Red)
Shape of rotor
0Without knob (Minus slot)
1With knob (with extended shaft)
2Without knob (Cross slot)
Shape of terminal
Setting position
BGull wing (Top setting type only)
Blank : Through hole pin (Snap-in terminal pin)
Form of packaging
TTaping (Gull wing type only)
WTray packaging
BlankPlastic bag
0Top setting
1Side setting
※ Please refer to the LIST OF PART NUMBERS when placing orders.
No. of positions
116 positions
210 positions
SD-1000/2000
ROTARY CODED SWITCHES
RoHS compliant


Similar Part No. - SD-2111W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD-2111W ETC2-SD-2111W Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
More results

Similar Description - SD-2111W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com