Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-5EP Datasheet(PDF) 2 Page - Copal Electronics

Part # ST-5EP
Description  SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-5EP Datasheet(HTML) 2 Page - Copal Electronics

  ST-5EP Datasheet HTML 1Page - Copal Electronics ST-5EP Datasheet HTML 2Page - Copal Electronics ST-5EP Datasheet HTML 3Page - Copal Electronics ST-5EP Datasheet HTML 4Page - Copal Electronics ST-5EP Datasheet HTML 5Page - Copal Electronics ST-5EP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pieces in package
ST-5
SURFACE MOUNT TRIMMERS
※The above part numbers are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
※Taping and magazine specifications are not sold separately and must be purchased in reel or stick units.
LIST OF PART NUMBERS
Adjustment
position
Top adjustment
Side
adjustment
Shape of terminal
W (Gull wing)
X (Gull wing)
P (Gull wing)
R (Gull wing)
Form of packaging
Taping (reel)
Magazine (stick)
ST-5ETW
ST-5EMW
ST-5EW
ST-5ETX
ST-5EMX
ST-5EX
ST-5ETP
ST-5EMP
ST-5EP
ST-5ETR
ST-5EMR
ST-5ER
Plastic bag
500 pcs./reel
50 pcs./stick
50 pcs./pack
The products indicated by
A mark are manufactured upon receipt of order basis.
Nominal resistance values
ΔR/R:Change in total resistance
S.S.
:Setting stability
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
Nominal resistance range
10
Ω ~ 2 MΩ
±10 %
0.25 W (85 °C) 0 W (120 °C)
(B)Linear law
DC200 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
11 turns
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−55 ~ 120 °C
10
Ω ~ 50 Ω : ± 250 10-6/°C maximum
100
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC600 V, 60 s
Approx. 0.35 g
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical turn
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
Mechanical turn
14 turns
20 mN·m {204 gf·cm} maximum
Clutch action
200 cycles
10
Ω ~ 200 Ω [ΔR/R ≦ ± (0.5 Ω +3 %)]
500
Ω ~ 2 MΩ [ΔR/R ≦ ± (0.5 Ω +2 %)]
5 N {0.51 kgf} minimum
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
Operating torque
Mechanical stop
Rotational life
Thrust to shaft
Solderability
Shear (Adhesion)
Substrate bending
Pull-off strength
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Specifications
Thermal shock
−65 ~ 125 °C (0.5 h), 5 cycles
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
Humidity
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 1 %]
Shock
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
Vibration
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
Load life
85 °C, 0.25 W, 1000 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 1 %]
Low temp. operation
−55 °C, 2 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
High temp. exposure
120 °C, 250 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
Immersion seal
85 °C, 60 s
もれ無し
(連続気泡無し)
No leaks (No continuous bubbles)
Soldering heat
[
ΔR/R ≦ 1 %]
Fig. 1
{ }Reference only
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Flow : 260
± 3 °C as the temperature in a
pot of molten solder, immersion
from head of terminal to backside
of board, 5 ~ 6 s, two times
maximum
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
手はんだ Manual soldering:350
± 10
°C, 3 ~ 4 s
A10 Ω A20 Ω 50 Ω 100 Ω 200 Ω 500 Ω 1 kΩ
2 k
Ω
5 k
Ω
10 k
Ω 20 kΩ 50 kΩ 100 kΩ 200 kΩ 500 kΩ 1 MΩ 2 MΩ


Similar Part No. - ST-5EP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ST-5ETP COPAL-ST-5ETP Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
ST-5ETP COPAL-ST-5ETP Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
ST-5ETR COPAL-ST-5ETR Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
ST-5ETR COPAL-ST-5ETR Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
ST-5ETW COPAL-ST-5ETW Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
More results

Similar Description - ST-5EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST-5 VISHAY-ST-5 Datasheet
368Kb / 7P
   Surface Mount Cermet Trimmers (14 turns)
Revision: 06-Mar-06
logo
Copal Electronics
ST5ETP103 COPAL-ST5ETP103 Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
ST5ETW104 COPAL-ST5ETW104 Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
RJ-5 COPAL-RJ-5 Datasheet
92Kb / 4P
   14 TURNS CERMET TRIMMERS
logo
Vishay Siliconix
SM-4 VISHAY-SM-4 Datasheet
339Kb / 7P
   Surface Mount Cermet Trimmers (12 Turns)
Revision: 06-Mar-06
logo
Copal Electronics
CT20EP103 COPAL-CT20EP103 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
CT-94 COPAL-CT-94 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
CT94EW103 COPAL-CT94EW103 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
RJ-9 COPAL-RJ-9 Datasheet
277Kb / 4P
   18 TURNS CERMET TRIMMERS
CT-20 COPAL-CT-20 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com