Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA-5111CE Datasheet(PDF) 8 Page - Copal Electronics

Part # SA-5111CE
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5111CE Datasheet(HTML) 8 Page - Copal Electronics

  SA-5111CE Datasheet HTML 1Page - Copal Electronics SA-5111CE Datasheet HTML 2Page - Copal Electronics SA-5111CE Datasheet HTML 3Page - Copal Electronics SA-5111CE Datasheet HTML 4Page - Copal Electronics SA-5111CE Datasheet HTML 5Page - Copal Electronics SA-5111CE Datasheet HTML 6Page - Copal Electronics SA-5111CE Datasheet HTML 7Page - Copal Electronics SA-5111CE Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKAGING SPECIFICATIONS
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack.
Orders will be accepted for unit of minimum 10 pcs., i.e.,
10, 20, 30 pcs., etc.
● Boxing of bulk in a plastic bag is performed with 10 pcs.
(Top setting type is 50 pcs., side setting type is 25 pcs.)
per box.
SWITCHES WITH KNOB AS EXTENDED SHAFT
(Unit: mm)
Knob can’t be dettached due to being fixed. Simple knob can’t be sold.
The large knob is common to S-1000A, S-2000A, SA-5000 and SS-10 series.
10
0.7
<Tray packaging specifications>
O Tray version is packaged in 50 pcs. per tray. Orders will
be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs.
etc.
O Tray version is boxed with 10 trays.
SCHEMATIC DIAGRAMS
O A type
Built-in resistors
(Housing color Yellow)
1
2
4
8
P
C
R
R
R
R
Vcc or
ground
Code output
terminals
Code switch
Code output
terminals
1
2
4
8
Code switch
Diodes
C
Common terminal
Ground
R
R
R
R
P
Vcc
1
2
4
8
Code output
terminals
Diodes
Code switch
C
Ground
1
2
4
8
Code output
terminals
Diodes
Code switch
C
Ground
O C type
Built-in diodes
(Housing color Black)
O D type
Built-in diodes
(Housing color Black)
O B type
Built-in pull-up resistors and built-in diodes
(Housing color Red)
The terminal P is a vacant
terminal.
The terminal P is a vacant
terminal.
SA-5000
ROTARY CODED SWITCHES


Similar Part No. - SA-5111CE

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
SA-5852 PROTECHSYSTEMS-SA-5852 Datasheet
515Kb / 2P
   Intel짰 Atom??D2550 Book Size PC
SA-5872 PROTECHSYSTEMS-SA-5872 Datasheet
565Kb / 2P
   High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
SA-5897 PROTECHSYSTEMS-SA-5897 Datasheet
532Kb / 2P
   High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
More results

Similar Description - SA-5111CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com