Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA14 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MPSA14
Description  TRANSISTOR (NPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MPSA14 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MPSA14 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA14 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA14 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSA14 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO – 92
1.EMITTER
2.BASE
3.COLLECTOR
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
MPSA14
TRANSISTOR (NPN)
FEATURES
Darlington Transistor
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
10
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=10V,IC=0
0.1
μA
hFE(1)
*
VCE=5V, IC=10mA
10000
DC current gain
hFE(2)
*
VCE=5V, IC=100mA
20000
Collector-emitter saturation voltage
VCE(sat)
*
IC=100mA,IB=0.1mA
1.5
V
Base-emitter voltage
VBE
*
VCE=5V,IC=100mA
2.0
V
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
125
MHz
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
-Continous
0.5
A
PC
Collector Power Dissipation
625
mW
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
D,Aug,2016


Similar Part No. - MPSA14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA14 MOTOROLA-MPSA14 Datasheet
225Kb / 6P
   Darlington Transistors
logo
Dc Components
MPSA14 DCCOM-MPSA14 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
logo
Inchange Semiconductor ...
MPSA14 ISC-MPSA14 Datasheet
241Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MPSA14 ONSEMI-MPSA14 Datasheet
72Kb / 6P
   Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
SEMTECH ELECTRONICS LTD...
MPSA14 SEMTECH_ELEC-MPSA14 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
More results

Similar Description - MPSA14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com