Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1006D1 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # RS1006D1
Description  FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

RS1006D1 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  RS1006D1 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd RS1006D1 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd RS1006D1 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd RS1006D1 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-123 Plastic-Encapsulate Diodes
RS1006D1
FAST RECOVERY DIODE
FEATURES
High Frequency Rectification
Surface Mount Package Ideally Suited for Automatic Insertion
MARKING: R6D
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
600
V
VR(RMS)
RMS Reverse Voltage
420
V
IO
Average Rectified Output Current
1
A
IFSM
Non-Repetitive Peak Forward Surge Current
@t≤8.3ms
18
A
PD
Power Dissipation
415
mW
RΘJA
Thermal Resistance from Junction to Ambient
301
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse current
IR
VR=600V
1
µA
IF=0.7A
1.15
V
Forward voltage
VF
IF=1A
1.3
V
Reverse recovery time
trr
IF= 500mA, IR =1A, Irr=0.25A
150
ns
Total capacitance
Ctot
VR=0V,f=1MHz
15
pF
SOD-123
www.cj-elec.com
1
C,Mar,2015


Similar Part No. - RS1006D1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1006D1 TSC-RS1006D1 Datasheet
88Kb / 3P
   Fast Recovery Rectifier Diode
More results

Similar Description - RS1006D1

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com