Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP111 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TIP111
Description  DARLINGTON TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP111 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP111 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP111 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate Transistors
TIP111
DARLINGTON TRANSISTOR (NPN)
FEATURES
High DC Current Gain : hFE=1000 @ VCE=4V, IC=1A(Min.)
Low Collector-Emitter Saturation Voltage
Industrial Use
MAXIMUM RATINGS
(Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector Dissipation
2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10mA,IE=0
80
V
Collector-emitter sustaining
voltage
VCEO(sus) IC=30mA,IB=0
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10mA,IC=0
5
V
Collector cut-off current
ICEO
VCE=40V,IB=0
2
mA
Collector cut-off current
ICBO
VCB=80V,IE=0
1
mA
Emitter cut-off current
IEBO
VEB=5V,IC=0
2
mA
hFE(1)
VCE=4V,IC=1A
1000
DC current gain
hFE(2)
VCE=4V,IC=2A
500
Collector-emitter saturation voltage
VCE(sat)
IC=2A,IB=8mA
2.5
V
Base-emitter voltage
VBE
VCE=4V,IC=2A
2.8
V
Collector output capacitance
Cob
VCB=10V,IE=0,f=0.1MHz
100
pF
TO-220-3L
1. BASE
2. COLLECTOR
3. EMITTER
www.cj-elec.com
1
B,Oct,2014


Similar Part No. - TIP111

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP111 MOSPEC-TIP111 Datasheet
146Kb / 3P
   POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Micro Commercial Compon...
TIP111 MCC-TIP111 Datasheet
234Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
Motorola, Inc
TIP111 MOTOROLA-TIP111 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP111 ISC-TIP111 Datasheet
175Kb / 4P
   Silicon NPN Darlington Power Transistors
logo
ON Semiconductor
TIP111 ONSEMI-TIP111 Datasheet
269Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
REV 1
More results

Similar Description - TIP111

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com