Electronic Components Datasheet Search |
|
LMH6732 Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
LMH6732 Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 19 page Electrical Characteristics I CC = 9mA (Note 2) (Continued) A V = +2, RF = 700 Ω,V S = ±5V, RL = 100 Ω,R P = 39k Ω; Unless otherwise specified. Symbol Parameter Conditions Min (Note 6) Typ (Note 6) Max (Note 6) Units I BN Input Bias Current Non Inverting (Note 7) −2 ±11 ±12 µA DI BN Input Bias Current Average Drift Non-Inverting (Note 8) 5 nA/˚C I BI Input Bias Current Inverting (Note 7) −9 ±20 ± 30 µA DI BI Input Bias Current Average Drift Inverting (Note 8) −14 nA/˚C +PSRR Positive Power Supply Rejection Ratio DC 52 50 62 dB −PSRR Negative Power Supply Rejection Ratio DC 51 48 56 dB CMRR Common Mode Rejection Ratio DC 49 46 52 dB I CC Supply Current R L = ∞,RP = 39k Ω 7.5 6.6 9.0 10.5 11.7 mA I CCI Supply Current During Shutdown <1µA Miscellaneous Performance R IN Input Resistance Non-Inverting 4.7 M Ω C IN Input Capacitance Non-Inverting 1.8 pF R OUT Output Resistance Closed Loop 32 m Ω V O Output Voltage Range R L = ∞ ±3.60 ±3.55 ±3.75 V V OL R L = 100 Ω ±2.90 ±2.85 ±3.10 CMIR Common Mode Input Range Common Mode ±2.2 V I O Output Current Closed Loop −40mV ≤ V O ≤ 40mV ±75 ±115 mA TON Turn-on Time 0.5V PP Sine Wave, 90% of Full Value 20 ns TOFF Turn-off Time 0.5V PP Sine Wave, <5% of Full Value 9 V O glitch Turn-on Glitch 50 mV FDTH Feed-Through f = 10MHz, A V = +2, Off State −61 dB Electrical Characteristics I CC = 3.4mA (Note 2) A V = +2, RF =1k Ω,V S = ±5V, RL = 100 Ω,R P = 137k Ω; Unless otherwise specified. Symbol Parameter Conditions Min (Note 6) Typ (Note 6) Max (Note 6) Units Frequency Domain Response SSBW -3dB Bandwidth V OUT =2VPP 180 MHz LSBW -3dB Bandwidth V OUT = 4.0VPP 100 MHz GF 0.1dB 0.1dB Gain Flatness V OUT =2VPP 50 MHz GFP Frequency Response Peaking DC to 75MHz, V OUT =2VPP 0.15 dB GFR Frequency Response Rolloff DC to 75MHz, V OUT =2VPP 0.05 dB LPD Linear Phase Deviation DC to 55MHz, V OUT =2VPP 0.5 deg DC to 25MHz, V OUT =2VPP 0.1 DG Differential Gain R L = 150 Ω, 4.43MHz 0.022 % DP Differential Phase R L = 150 Ω, 4.43MHz 0.017 deg Time Domain Response www.national.com 3 |
Similar Part No. - LMH6732 |
|
Similar Description - LMH6732 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |