Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6732 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6732
Description  High Speed Op Amp with Adjustable Bandwidth
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6732 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6732 Datasheet HTML 2Page - National Semiconductor (TI) LMH6732 Datasheet HTML 3Page - National Semiconductor (TI) LMH6732 Datasheet HTML 4Page - National Semiconductor (TI) LMH6732 Datasheet HTML 5Page - National Semiconductor (TI) LMH6732 Datasheet HTML 6Page - National Semiconductor (TI) LMH6732 Datasheet HTML 7Page - National Semiconductor (TI) LMH6732 Datasheet HTML 8Page - National Semiconductor (TI) LMH6732 Datasheet HTML 9Page - National Semiconductor (TI) LMH6732 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical Characteristics I
CC = 1.0mA (Note 2) (Continued)
A
V = +2, RF =1k
Ω,V
S = ±5V, RL = 500
Ω,R
P = 412k
Ω; Unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
DI
BI
Input Bias Current Average Drift
Inverting (Note 8)
−3
nA/˚C
+PSRR
Positive Power Supply Rejection
Ratio
DC
52
51
64
dB
−PSRR
Negative Power Supply Rejection
Ratio
DC
51
49
59
dB
CMRR
Common Mode Rejection Ratio
DC
49
47
55
dB
I
CC
Supply Current
R
L = ,RP = 412k
0.70
0.66
1.0
1.3
1.4
mA
I
CCI
Supply Current During Shutdown
<1µA
Miscellaneous Performance
R
IN
Input Resistance
Non-Inverting
46
M
C
IN
Input Capacitance
Non-Inverting
1.7
pF
R
OUT
Output Resistance
Closed Loop
100
m
V
O
Output Voltage Range
R
L =
±3.60
±3.55
±3.78
V
V
OL
R
L = 500
±2.90
±2.85
±3.10
CMIR
Common Mode Input Range
Common Mode
±2.2
V
I
O
Output Current
Closed Loop
−15mV
≤ V
O
≤ 15mV
±6
±9mA
TON
Turn-on Time
0.5V
PP Sine Wave, 90% of
Full Value
95
ns
TOFF
Turn-off Time
0.5V
PP Sine Wave, <5% of
Full Value
40
V
O glitch
Turn-on Glitch
15
mV
FDTH
Feed-Through
f = 10MHz, A
V = +2, Off State
−61
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the Electrical Characteristics tables.
Note 2: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Min/Max ratings are based on production testing unless otherwise specified.
Note 3: The maximum output current (IO) is determined by device power dissipation limitations.
Note 4: Human body model: 1.5k
Ω in series with 100pF. Machine model: 0Ω in series with 200pF.
Note 5: Slew Rate is the average of the rising and falling edges.
Note 6: Typical numbers are the most likely parametric norm. Bold numbers refer to over temperature limits.
Note 7: Negative input current implies current flowing out of the device.
Note 8: Drift determined by dividing the change in parameter distribution average at temperature extremes by the total temperature change.
www.national.com
6


Similar Part No. - LMH6732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6732 TI1-LMH6732 Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MA/NOPB TI1-LMH6732MA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MAX/NOPB TI1-LMH6732MAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MF/NOPB TI1-LMH6732MF/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MFX/NOPB TI1-LMH6732MFX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
More results

Similar Description - LMH6732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6732 TI1-LMH6732 Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com