Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6732 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6732
Description  High Speed Op Amp with Adjustable Bandwidth
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6732 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6732 Datasheet HTML 1Page - National Semiconductor (TI) LMH6732 Datasheet HTML 2Page - National Semiconductor (TI) LMH6732 Datasheet HTML 3Page - National Semiconductor (TI) LMH6732 Datasheet HTML 4Page - National Semiconductor (TI) LMH6732 Datasheet HTML 5Page - National Semiconductor (TI) LMH6732 Datasheet HTML 6Page - National Semiconductor (TI) LMH6732 Datasheet HTML 7Page - National Semiconductor (TI) LMH6732 Datasheet HTML 8Page - National Semiconductor (TI) LMH6732 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
S
±6.75V
I
OUT
(Note 3)
I
CC
14mA
Common Mode Input Voltage
V
to V+
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
ESD Tolerance (Note 4)
Human Body Model
2000V
Machine Model
200V
Operating Ratings (Note 1)
Thermal Resistance
Package
θ
JC (˚C/W)
θ
JA (˚C/W)
8-Pin SOIC
65˚C/W
166˚C/W
6-Pin SOT23
120˚C/W
198˚C/W
Operating Temperature
−40˚C to +85˚C
Nominal Supply Voltage
±4.5V to ±6V
Operating Supply Current
0.5mA < I
CC <
12mA
Electrical Characteristics I
CC = 9mA (Note 2)
A
V = +2, RF = 700
Ω,V
S = ±5V, RL = 100
Ω,R
P = 39k
Ω; Unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
Frequency Domain Response
SSBW
-3dB Bandwidth
V
OUT =2VPP
540
MHz
LSBW
-3dB Bandwidth
V
OUT = 4.0VPP
315
MHz
GF
0.1dB
0.1dB Gain Flatness
V
OUT =2VPP
180
MHz
GFP
Frequency Response Peaking
DC to 200MHz, V
OUT =2VPP
0.01
dB
GFR
Frequency Response Rolloff
DC to 200MHz, V
OUT =2VPP
0.15
dB
LPD
Linear Phase Deviation
DC to 200MHz, V
OUT =2VPP
0.6
deg
DC to 140MHz, V
OUT =2VPP
0.1
DG
Differential Gain
R
L = 150
Ω, 4.43MHz
0.025
%
DP
Differential Phase
R
L = 150
Ω, 4.43MHz
0.010
deg
Time Domain Response
TRS
Rise Time
2V Step
0.8
ns
TRL
Fall Time
2V Step
0.9
T
S
Settling Time to 0.04%
A
V = −1, 2V Step
18
ns
OS
Overshoot
2V Step
1
%
SR
Slew Rate
5V Step, 40% to 60%
(Note 5)
2700
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2V
PP, 20MHz
−60
dBc
HD3
3rd Harmonic Distortion
2V
PP, 20MHz
−64
dBc
THD
Total Harmonic Distortion
2V
PP, 1MHz
−79.6
dBc
V
N
Input Referred Voltage Noise
>1MHz
2.5
nV/
I
N
Input Referred Inverting Noise
Current
>1MHz
9.7
pA/
I
NN
Input Referred Non-Inverting Noise
Current
>1MHz
1.8
pA/
SNF
Noise Floor
>1MHz
−154
dBm
1Hz
INV
Total Integrated Input Noise
1MHz to 200MHz
60
µV
Static, DC Performance
V
IO
Input Offset Voltage
±3.0
±8.0
9.9
mV
DV
IO
Input Offset Voltage Average Drift
(Note 8)
16
µV/˚C
www.national.com
2


Similar Part No. - LMH6732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6732 TI1-LMH6732 Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MA/NOPB TI1-LMH6732MA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MAX/NOPB TI1-LMH6732MAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MF/NOPB TI1-LMH6732MF/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
LMH6732MFX/NOPB TI1-LMH6732MFX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
More results

Similar Description - LMH6732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6732 TI1-LMH6732 Datasheet
1Mb / 29P
[Old version datasheet]   High Speed Op Amp with Adjustable Bandwidth
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com