Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9069A Datasheet(PDF) 5 Page - Keysight Technologies

Part # W9069A
Description  Noise Figure X-Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

W9069A Datasheet(HTML) 5 Page - Keysight Technologies

  W9069A Datasheet HTML 1Page - Keysight Technologies W9069A Datasheet HTML 2Page - Keysight Technologies W9069A Datasheet HTML 3Page - Keysight Technologies W9069A Datasheet HTML 4Page - Keysight Technologies W9069A Datasheet HTML 5Page - Keysight Technologies W9069A Datasheet HTML 6Page - Keysight Technologies W9069A Datasheet HTML 7Page - Keysight Technologies W9069A Datasheet HTML 8Page - Keysight Technologies W9069A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
05 | Keysight | N9069A & W9069A Noise Figure X-Series Measurement Application - Technical Overview
PXA with U7227C preamplifier
Specifications
Frequency
PXA
full range
PXA + U7227C full
range
VSWR1
Frequency
10 to 100 MHz
1.45
0.1 to 3.6 GHz
1.45
1.43
3.5 to 4 GHz
1.54
1.43
4 to 8.4 GHz
1.54
2.32
8.3 to 13.6 GHz
1.57
2.32
13.5 to 17.1 GHz
1.48
2.32
17.0 to 26.5 GHz
1.54
2.32
Internal
preamp on
Internal preamp
off + U7227C
Internal preamp
on + U7227C
Supplemental
information
Noise figure2, 3
10 to 100 MHz
12.25
0.1 to 2.1 GHz
12.25
9.88
6.36
2.1 to 3.6 GHz
14.25
11.60
6.52
3.5 to 4 GHz
14.25
13.88
6.51
4 to 6 GHz
14.25
13.28
6.56
6 to 8.4 GHz
14.25
12.61
4.61
8.3 to 13.6 GHz
15.25
10.66
4.57
13.5 to 16.9 GHz
17.25
13.30
4.74
16.9 to 18 GHz
19.25
15.77
5.06
18 to 20 GHz
19.25
15.37
5.77
20 to 26.5 GHz
23.25
18.46
6.25
Noise source ENR
Measurement range
4 to 6.5 dB
0 to 20 dB
± 0.02 dB
± 0.02 dB
± 0.02 dB
Using internal preamp and RBW ≤ 4 MHz
12 to 17 dB
0 to 30 dB
± 0.03 dB
± 0.03 dB
± 0.03 dB
20 to 22 dB
0 to 35 dB
± 0.03 dB
± 0.03 dB
± 0.03 dB
Jitter
± 0.15 dB
± 0.15 dB
± 0.15 dB
Instrument uncertainty for gain4, 5
10 MHz to 3.6 GHz
± 0.13 dB
± 0.13 dB
± 0.13 dB
DUT gain range = −20 to +40 dB
> 3.6 GHz
± 0.13 dB
± 0.13 dB
± 0.13 dB
Instrument uncertainty for noise figure, 10 MHz to 26.5 GHz6


Similar Part No. - W9069A

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W906 LUMINIS-W906 Datasheet
16Kb / 1P
   Post top mount
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
   Language Compatibility
logo
Pulse A Technitrol Comp...
W9063B170 PULSE-W9063B170 Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
Keysight Technologies
W9068A KEYSIGHT-W9068A Datasheet
1Mb / 16P
   Phase Noise X-Series
More results

Similar Description - W9069A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
M9069A KEYSIGHT-M9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com