Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV59070P Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV59070P
Description  70 W, 4.4-5.9 GHz, 50 V, RF Power GaN HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV59070P Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGHV59070P Datasheet HTML 2Page - Cree, Inc CGHV59070P Datasheet HTML 3Page - Cree, Inc CGHV59070P Datasheet HTML 4Page - Cree, Inc CGHV59070P Datasheet HTML 5Page - Cree, Inc CGHV59070P Datasheet HTML 6Page - Cree, Inc CGHV59070P Datasheet HTML 7Page - Cree, Inc CGHV59070P Datasheet HTML 8Page - Cree, Inc CGHV59070P Datasheet HTML 9Page - Cree, Inc CGHV59070P Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CGHV59070 Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV59070-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 15,OHM, +/- 1%, 1/16W, 0402
1
R2
RES,1/16W,0603,1%,10.0 OHMS
1
C1
CAP, 4.7 pF,+/-0.1pF, 0603, ATC600S
1
C10
CAP, 1.3 pF,+/-0.1pF, 0603, ATC600S
1
C3,C11
CAP, 2.0 pF,+/-0.1pF, 0603, ATC600S
1
C2
CAP, 2.0 pF, +/- 0.05 pF, 0402, ATC
1
C4,C12
CAP, 10pF,+/-5%, 0603, ATC
2
C5,C13
CAP, 470PF, 5%, 100V, 0603, X
2
C6,C14
CAP, 33000PF, 0805,100V, X7R
2
C15
CAP, 1.0UF, 100V, 10%, X7R, 1210
1
C7
CAP 10UF 16V TANTALUM
1
W1
CABLE ,18 AWG, 4.2 inch
1
C16
CAP, 470uF, 20%, 80V, ELECT, SMD Size K
1
J1,J2
CONN, SMA, PANEL MOUNT JACK, FLANGE, 4-HOLE
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
J4
CONNECTOR ; SMB, Straight, JACK,SMD
1
CGHV59070-AMP Demonstration Amplifier Circuit


Similar Part No. - CGHV59070P

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV59070 WOLFSPEED-CGHV59070 Datasheet
2Mb / 14P
   70 W, 4.4 - 5.9 GHz, 50 V, RF Power GaN HEMT
Rev. 2.7, 2022-12-8
More results

Similar Description - CGHV59070P

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV59070 WOLFSPEED-CGHV59070 Datasheet
2Mb / 14P
   70 W, 4.4 - 5.9 GHz, 50 V, RF Power GaN HEMT
Rev. 2.7, 2022-12-8
CG2H30070F WOLFSPEED-CG2H30070F Datasheet
1Mb / 13P
   70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020
logo
Cree, Inc
CG2H30070F CREE-CG2H30070F Datasheet
1Mb / 13P
   70 W, 0.5??.0 GHz, 28 V, RF Power GaN HEMT
CGHV1J070D CREE-CGHV1J070D Datasheet
784Kb / 9P
   70 W, 18.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGHV1J070D WOLFSPEED-CGHV1J070D Datasheet
982Kb / 10P
   70 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV50200F WOLFSPEED-CGHV50200F Datasheet
1Mb / 15P
   200 W, 4.4 - 5.0 GHz, 50-Ohm Input/Output Matched, GaN HEMT
Rev. 3.2, 2022-12-8
logo
Cree, Inc
CMPA5259050S CREE-CMPA5259050S Datasheet
1Mb / 16P
   50 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com