Selected language     English  ▼


B-1020Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. B-1020Y
Description  LIGHT BAR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
B-1020X, B-1C2CX
LIGHT BAR
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Part No.
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
B-1020E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
12.0
B-1020G
GaP
Green
565
2.1
2.8
10.0
B-1020Y
GaAsP/GaP Yellow
585
2.1
2.8
10.0
B-1020SR
GaAlAs
Super Red
660
1.8
2.4
20.0
D66
B-1C2CE
GaAsP/GaP Hi.effi Red
635
2.0
2.8
12.0
B-1C2CG
GaP
Green
565
2.1
2.8
10.0
B-1C2CY
GaAsP/GaP Yellow
585
2.1
2.8
10.0
B-1C2CSR
GaAlAs
Super Red
660
1.8
2.4
20.0
D67
Fig.D66
Fig.D67
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KB-2965EGW-B8.89mmx8.89mm LIGHT BAR 1 2 3 4 Kingbright Corporation
BA-2R2UWLED LIGHT BAR & BAR GRAPH ARRAYS 1 2 Yellow Stone Corp
MTLB2135-GMarktech 0.35 Light Bar LEDs 1 Marktech Corporate
MTLB2150-GMarktech 0.50 Light Bar LEDs 1 Marktech Corporate
BA-10R1UDLED LIGHT BAR & BAR GRAPH ARRAYS 1 2 List of Unclassifed Manufacturers
LTA-1000GRECTANGULAR LIGHT BAR 1 2 3 4 5 Lite-On Technology Corporation
MTLB2160-GMarktech 0.53 Light Bar LEDs 1 Marktech Corporate
A-1804XLIGHT BAR 1 List of Unclassifed Manufacturers
MTLB2175-GMarktech 0.75 Light Bar LEDs 1 Marktech Corporate
KB2655EW8.89mmx8.89mm LED LIGHT BAR 1 2 3 Kingbright Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl