Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC090N03LSG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSC090N03LSG
Description  OptiMOS?? Power-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC090N03LSG Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSC090N03LSG Datasheet HTML 1Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 2Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 3Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 4Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 5Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 6Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 7Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 8Page - Infineon Technologies AG BSC090N03LSG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BSC090N03LS G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
32
W
T A=25 °C,
R thJA=50 K/W
2)
2.5
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
bottom
-
-
3.9
K/W
top
-
-
20
Device on PCB
R thJA
6 cm
2 cooling area2)
-
-
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
1
-
2.2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=30 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=30 A
-
10.6
13.3
m
W
V GS=10 V, I D=30 A
-
7.5
9
Gate resistance
R G
0.5
1.0
1.8
W
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
28
56
-
S
3) See figure 3 for more detailed information
Value
Values
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 2.1
page 2
2013-05-17


Similar Part No. - BSC090N03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC090N03LSG INFINEON-BSC090N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.6 2009-11-03
More results

Similar Description - BSC090N03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC042N03LSG INFINEON-BSC042N03LSG Datasheet
384Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.25 2009-10-22
BSZ033N03LSCG INFINEON-BSZ033N03LSCG Datasheet
330Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 1.2 2009-11-05
BSC025N03LSG INFINEON-BSC025N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.25 2009-11-03
BSC057N03LSG INFINEON-BSC057N03LSG_13 Datasheet
526Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.12 013-05-17
BSB028N06NN3 INFINEON-BSB028N06NN3 Datasheet
749Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
BSB104N08NP3G INFINEON-BSB104N08NP3G Datasheet
603Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-11-28
BSC042N03MSG INFINEON-BSC042N03MSG_13 Datasheet
529Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSB044N08NN3G INFINEON-BSB044N08NN3G_11 Datasheet
902Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2011-07-18
BSC014N03LSG INFINEON-BSC014N03LSG Datasheet
445Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.3 2009-10-22
BSC100N03LSG INFINEON-BSC100N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.6 2009-11-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com