Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV774MTX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV774MTX
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV774MTX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV774MTX Datasheet HTML 1Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 2Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 3Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 4Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 5Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 6Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 7Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 8Page - National Semiconductor (TI) LMV774MTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5.0V AC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5.0V, V = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
SR
Slew Rate
(Note 12)
1.4
V/µs
GBW
Gain-Bandwidth Product
3.5
MHz
Φ
m
Phase Margin
79
Deg
G
m
Gain Margin
−15
dB
e
n
Input-Referred Voltage Noise
(Flatband)
f = 10kHz
6.5
nV/
e
n
Input-Referred Voltage Noise
(l/f)
f = 100Hz
12
nV/
i
n
Input-Referred Current Noise
f = 1kHz
0.001
pA/
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600
Ω,V
IN =1 VPP
0.007
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 20pF.
Note 3: Shorting output to V+ will adversely affect reliability.
Note 4: Shorting output to Vwill adversely affect reliability.
Note 5: The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 6: Typical Values represent the most likely parametric norm.
Note 7: All limits are guaranteed by testing or statistical analysis.
Note 8: Limits guaranteed by design.
Note 9: RL is connected to mid-supply. The output voltage is set at 200mV from the rails. VO = GND + 0.2V and VO =V
+ −0.2V
Note 10: For LMV772/LMV774, temperature limits apply to −40˚C to 85˚C.
Note 11: For LMV772/LMV774, temperature limits apply to −40˚C to 85˚C. If RL is relaxed to 10kΩ, then for LMV772/LMV774 temperature limits apply to −40˚C to
125˚C.
Note 12: Connected as voltage follower with 2VPP step input. Number specified is the slower of positive and negative slew rates.
Note 13: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating
of the device such that TJ =TA . No guarantee of parametric performance is indicated in the electrical tables under the conditions of internal self-heating where TJ
> T
A. Absolute Maximum Rating indicated junction temperature limits beyond which the device may be permanently degraded, either mechanically or electrically.
Note 14: Continuous operation of the device with an output short circuit current larger than 35mA may cause permanent damage to the device.
www.national.com
4


Similar Part No. - LMV774MTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV774MTX/NOPB TI1-LMV774MTX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
LMV774MTX/NOPB TI-LMV774MTX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results

Similar Description - LMV774MTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
LMV772MA TI1-LMV772MA Datasheet
1Mb / 33P
[Old version datasheet]   LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com