Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX65 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BDX65
Description  NPN SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BDX65 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BDX65 Datasheet HTML 1Page - List of Unclassifed Manufacturers BDX65 Datasheet HTML 2Page - List of Unclassifed Manufacturers BDX65 Datasheet HTML 3Page - List of Unclassifed Manufacturers BDX65 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
COMSET SEMICONDUCTORS
4/4
BDX 65, A, B, C
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
fT
Transition Frequency
VCE=3 V, IC=5 A, f=1 MHz
BDX65
BDX65A
BDX65B
BDX65C
-
7-
MHz
VCE=3 V, IC=1 A
BDX65
BDX65A
BDX65B
BDX65C
-
1500
-
VCE=3 V, IC=5 A
BDX65
BDX65A
BDX65B
BDX65C
1000
--
h21E
Static forward current
transfer ratio (*)
VCE=3 V, IC=10 A
BDX65
BDX65A
BDX65B
BDX65C
-
1500
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V rated by an auxiliary circuit
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Collector
Case :
Emitter


Similar Part No. - BDX65

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX65 SEME-LAB-BDX65 Datasheet
12Kb / 1P
   Bipolar NPN Device
logo
Savantic, Inc.
BDX65 SAVANTIC-BDX65 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX65 COMSET-BDX65 Datasheet
161Kb / 4P
   NPN SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX65 ISC-BDX65 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX65 COMSET-BDX65 Datasheet
82Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX65

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX63 COMSET-BDX63 Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67 Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67_1 Datasheet
221Kb / 5P
   NPN SILICON DARLINGTONS
2N3055 COMSET-2N3055_12 Datasheet
76Kb / 3P
   NPN SILICON DARLINGTONS
BDX65 COMSET-BDX65 Datasheet
161Kb / 4P
   NPN SILICON DARLINGTONS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com