Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX65B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BDX65B
Description  NPN SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BDX65B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BDX65B Datasheet HTML 1Page - List of Unclassifed Manufacturers BDX65B Datasheet HTML 2Page - List of Unclassifed Manufacturers BDX65B Datasheet HTML 3Page - List of Unclassifed Manufacturers BDX65B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COMSET SEMICONDUCTORS
3/4
BDX 65, A, B, C
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
IEBO
Emitter Cutoff Current
VBE=5 V
BDX65
BDX65A
BDX65B
BDX65C
--
5.0
mA
VCBO=60 V
--
0.4
VCBO=60 V
TCASE=150°C
BDX65
--
3
VCBO=80 V
--
0.4
VCBO=80 V
TCASE=150°C
BDX65A
--
3
VCBO=100 V
--
0.4
VCBO=100 V
TCASE=150°C
BDX65B
--
3
VCBO=120 V
--
0.4
ICBO
Collector-Base Cutoff
Current
VCBO=120 V
TCASE=150°
BDX65C
-
-
3
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=5.0 A, IB=20 mA
BDX65
BDX65A
BDX65B
BDX65C
--
2
V
VF
Forward Voltage (pulse
method)
IF=3 A
BDX65
BDX65A
BDX65B
BDX65C
-
1.8
-V
VBE
Base-Emitter Voltage (*)
IC=5.0 A, VCE=3V
BDX65
BDX65A
BDX65B
BDX65C
--
3
V
Fh21e
Forward current transfer
ratio Cutoff frequency
VCE=3 V, IC=5 A
BDX65
BDX65A
BDX65B
BDX65C
-
60
-
kHz


Similar Part No. - BDX65B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX65B SEME-LAB-BDX65B Datasheet
12Kb / 1P
   Bipolar NPN Device
logo
Savantic, Inc.
BDX65B SAVANTIC-BDX65B Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX65B COMSET-BDX65B Datasheet
161Kb / 4P
   NPN SILICON DARLINGTONS
BDX65B COMSET-BDX65B Datasheet
82Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Savantic, Inc.
BDX65B SAVANTIC-BDX65B Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BDX65B

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX63 COMSET-BDX63 Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67 Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67_1 Datasheet
221Kb / 5P
   NPN SILICON DARLINGTONS
2N3055 COMSET-2N3055_12 Datasheet
76Kb / 3P
   NPN SILICON DARLINGTONS
BDX65 COMSET-BDX65 Datasheet
161Kb / 4P
   NPN SILICON DARLINGTONS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com